Electronic Components Datasheet Search
  English  ▼

X  

DLM Datasheet(PDF) 47 Page - ITT Industries

Part # DLM
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Datasheet(HTML) 47 Page - ITT Industries

Back Button DLM Datasheet HTML 43Page - ITT Industries DLM Datasheet HTML 44Page - ITT Industries DLM Datasheet HTML 45Page - ITT Industries DLM Datasheet HTML 46Page - ITT Industries DLM Datasheet HTML 47Page - ITT Industries DLM Datasheet HTML 48Page - ITT Industries DLM Datasheet HTML 49Page - ITT Industries DLM Datasheet HTML 50Page - ITT Industries DLM Datasheet HTML 51Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
46
DL3-J/S
DL3 – Dimensions
Note: DL3 is two piece shell.
DL2-J/S
DL2 – Dimensions
Note: DL2 is two piece shell.
DL1-J/S
DL1 – Dimensions
Note: DL1 shell is single piece.
ZIF Connectors
Accessories
Plastic Junction Shell Kits DL1, DL2, DL3
Stainless steel cable clamps.
Thermoplastic UL 94V-1 rated.
Straight, 90
° or 45° cable entry.
Accommodates up to 22,22 (.875) cable.
For use with crimp contact connectors.
Knockout plug provides alternate second
entry.
Complete with 4 attaching screws and nuts.
Complete with one cable clamp kit.
Junction Shell Kit
Used On
J/S Kit
Part Number
Mounting
Max. Cable
Entry
DL1, DLM1
DL1-J/S
249-1950-000
Straight or 90
°
22,23 (.875)
DL2, DLM2
DL2-J/S
249-1985-000
Straight or 90
°
14,20 (.560)
DL2, DLM2
DL2-2-J/S
249-2238-000
Straight or 90
°
15,90 (.625)
DL2, DLM2
DL2-4-J/S
249-2238-001
Straight or 90
°
22,23 (.875)
DL2, DLM2
DL2-1-J/S
249-1985-001
45
°
15,90 (.625)
DL3, DLM3
DL3-J/S
249-2060-000
Straight or 90
°
14,20 (.560)
DL3, DLM3
DL3-3-J/S
249-2237-000
Straight or 90
°
15,90 (.625)
DL3, DLM3
DL3-4-J/S
249-2237-001
Straight or 90
°
22,23 (.875)
DL3, DLM3
DL3-2-J/S
249-2060-001
45
°
15,90 (.625)
Cable Clamp Kit (For optional second entry)
Used On
C/C Kit
Part Number
Mounting
Max. Cable
Entry
DL1
DL1-C/C
218-0179-000
Straight or 90
°
22,23 (.875)
DL2, DL3
DL2-C/C
218-0180-000
Straight or 90
°
14,20 (.560)
DL2, DL3
DL2-1-C/C
218-0181-000
45
°
15,90 (.625)
DL2, DL3
DL2-2-C/C
218-0181-001
Straight or 90
°
15,90 (.625)
DL2, DL3
DL2-3-C/C
218-0200-000
Straight or 90
°
22,23 (.875)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com