Electronic Components Datasheet Search
  English  ▼

X  

DLM Datasheet(PDF) 9 Page - ITT Industries

Part # DLM
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Datasheet(HTML) 9 Page - ITT Industries

Back Button DLM Datasheet HTML 5Page - ITT Industries DLM Datasheet HTML 6Page - ITT Industries DLM Datasheet HTML 7Page - ITT Industries DLM Datasheet HTML 8Page - ITT Industries DLM Datasheet HTML 9Page - ITT Industries DLM Datasheet HTML 10Page - ITT Industries DLM Datasheet HTML 11Page - ITT Industries DLM Datasheet HTML 12Page - ITT Industries DLM Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
8
ZIF Connectors
DL/DLM
DL/DLM Product Features
High pin count:
60, 96, 156, 260, 360, 624, 1248* or 2496*
contact positions.
Variety of contacts:
– Crimp
– Square Post
– Wrap Post
– Buss
– PC/RC
Metal or plastic housing.
Wide range of accessories.
Easy actuation by screwdriver, socket wrench
(DL1/2/3 only), allen wrench or actuating
handle (see accessories page 47).
The long life and rapid mating are achieved through
the use of our Zero Insertion Force design.
Contacts in the plug and receptacle do not touch
each other while the connector halves are being
engaged.
Zero Insertion Force Camming Instructions
This is our ‘‘DL/DLM’’ series of connectors.
Step 1. Simply place it together.
Step 2. Turn the cam a quarter turn.
Step 3. It’s locked and mated.
Contacts aligned.
Contacts engaged.
Contacts are mated.
It’s as easy as 1, 2, 3...
Step 1. The plug is placed over the receptacle.
Step 2. A ‘‘quarter turn’’ of an actuating shaft
mates all the contacts at once.
Step 3. The ‘‘same quarter’’ turn also physically
locks the connector halves together.
Connector engagement force is zero, and the only
wear on the contacts occurs as they are pressed
together and lightly wiped past each other during
the camming and locking operation.
* Contact Cannon for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com