Electronic Components Datasheet Search
  English  ▼

X  

DLM Datasheet(PDF) 53 Page - ITT Industries

Part # DLM
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Datasheet(HTML) 53 Page - ITT Industries

Back Button DLM Datasheet HTML 49Page - ITT Industries DLM Datasheet HTML 50Page - ITT Industries DLM Datasheet HTML 51Page - ITT Industries DLM Datasheet HTML 52Page - ITT Industries DLM Datasheet HTML 53Page - ITT Industries DLM Datasheet HTML 54Page - ITT Industries DLM Datasheet HTML 55Page - ITT Industries DLM Datasheet HTML 56Page - ITT Industries DLM Datasheet HTML 57Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
52
ZIF Connectors
Contacts
Crimp Contacts — Loose
Loose
50
µ inch gold contacts:
Recommended for all applications.
Offer the broadest amperage range.
Mandatory for low current applications (less
than 100 milliamps).
Material:
Copper Alloy
Finish:
Gold over nickel
Extraction Tool: 274-7029-007
Insertion Tool: None Required
Plug (Bump)
Receptacle (Flat)
Wire
Accommodation
Plug
50
µInch Gold
Bump
Receptacle
50
µInch Gold
Flat
Plug and
Receptacle
20
µInch Gold
Hand
Tool
(Page 55)
36 thru 38 AWG
—
—
127000-2207+*
28 thru 32 AWG
030-2416-003
030-2494-001
030-2416-001
1
24 thru 26 AWG
030-2410-003
030-2492-001
030-2410-001
2
20 thru 22 AWG
030-2409-003
030-2491-001
030-2409-001
2
18 thru 20 AWG
030-2415-003
030-2493-001
030-2415-001
3
Note: For more information on tools and assembly, see pages 54-59.
Non Insulation Support
+ Sold in lots of 100 pieces.
For low current applications (less than 100 milliamps) use 50
µ inch gold (bump) contact on plug side and 50µ inch flat gold (flat) contact on receptacle side.
Contact Factory for tool.
*
Finish: 20
µ inch gold in mating area/Gold flash on balance (terminating end).
Finish: 20
µ inch gold in mating area/Tin lead on balance (terminating end).
Plug (Bump)
Receptacle (Flat)
BUMP
CONTACT
RETENTION
LANCE
FLAT
CONTACT
RETENTION
LANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com