| Electronic Components Datasheet Search |
|
DLM Datasheet(PDF) 44 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLM Datasheet(HTML) 44 Page - ITT Industries |
|
44 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 43 ZIF Connectors Accessories Accessories Cannon offers a wide selection of accessories that allow the design engineers to configure the product for their exacting needs. The accessories range from the simple actuating handle to junction and backshells, as well as polarizing posts and protective covers for the contacts. Actuating handles are the same for the DL1/2/3 and DLM1/2/3 series. The DL5/DLM5 and DLM6 series have specific handles. Handles are sold separately since many applications require the connector to be attached or removed only by an authorized technician. Plastic junction shells are available for the DL1/2/3 series for encasement of the crimp contacts after complete installation into the connector. These shells also make it possible for the DL to be used as a cable-to-cable mating connector as they can be used both on the plug and the receptacle. The DL1/2/3 plastic junction shells have optional secondary cable entry capability by removing the molded in cable entry plugs. Cable clamp kits are available to affix the cable to the second entry. This second entry option is very useful in applications where the large wire sizes make the cable diameter too large to be handled from a single entry port. Metal Backshells are available for the entire DL/DLM series. The metal backshells are constructed from die cast aluminum with a nickel plating to facilitate in EMI/RFI shielding of the connector system. Shielding has become a driving force because of ever increasing stringent EMI/RFI regulations. Polarizing posts are available to offer a keying feature for both the DL and DLM connectors. The polarizing posts can be installed in specific orientation so that plugs of the same size connectors can only be mated in predetermined receptacles. This feature offers the designer the ability to fool-proof the attachment possibilities to protect accidental damage to the system. Protective covers of plastic and anti-static rubber are available to offer contact protection from physical damage or dust. Since the DL series has a high density of contacts in an exposed area, these covers are very useful for many applications. For example: where systems have multiple connectors; when the connections are often left unattached; or when the system parts are put into storage. Accessories Selection Guide Protective Covers Connector Series Actuating Handles see page 47 Metal Shell EMI/RFI Shielding see page 49 Plastic Junction Shell see page 46 Cable Clamps see page 46 Metal Backshell see pages 44-45 Polarizing Posts see page 48 Rubber see page 47 Plastic see page 47 DL1-156 – DL2-96 – DL3-60 – DL4-624 – –––––– DL4-1248 – –––––– DL4-2496 – –––––– DL5-260 –– –– DLM1-156 – DLM2-96 – DLM3-60 – DLM5-260 ––––– DLM6-360 ––––– DLD1-156 –––––––– DLD2-96 –––––––– Compatible – Not Compatible |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |