Electronic Components Datasheet Search
  English  ▼

X  

AD5116 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5116
Description  Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5116 Datasheet(HTML) 1 Page - Analog Devices

  AD5116 Datasheet HTML 1Page - Analog Devices AD5116 Datasheet HTML 2Page - Analog Devices AD5116 Datasheet HTML 3Page - Analog Devices AD5116 Datasheet HTML 4Page - Analog Devices AD5116 Datasheet HTML 5Page - Analog Devices AD5116 Datasheet HTML 6Page - Analog Devices AD5116 Datasheet HTML 7Page - Analog Devices AD5116 Datasheet HTML 8Page - Analog Devices AD5116 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Single-Channel, 128-/64-/32-Position, Up/Down,
±8%
Resistor Tolerance, Nonvolatile Digital Potentiometer
Data Sheet
AD5111/AD5113/AD5115
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Single-channel, 128-/64-/32-position resolution
5 kΩ, 10 kΩ, 80 kΩ nominal resistance
Maximum ±8% nominal resistor tolerance error
Low wiper resistance
±6 mA maximum wiper current density
Rheostat mode temperature coefficient: 35 ppm/°C
Potentiometer mode temperature coefficient: 5 ppm/°C
2.3 V to 5.5 V single-supply operation
Power-on EEPROM refresh time < 50 μs
Simple up/down manual or digital configurable control
Chip select enable multiple device operation
50-year typical data retention at 125°C
1 million write cycles
Wide operating temperature: −40°C to +125°C
Thin, 2 mm × 2 mm × 0.55 mm 8-lead LFCSP package
APPLICATIONS
Mechanical potentiometer replacement
Portable electronics level adjustment
Audio volume control
Low resolution DAC
LCD panel brightness and contrast control
Programmable voltage to current conversion
Programmable filters, delays, time constants
Feedback resistor programmable power supply
Sensor calibration
FUNCTIONAL BLOCK DIAGRAM
GND
RDAC
REGISTER
UP/DOWN
CONTROL
LOGIC
POWER-ON
RESET
VDD
U/D
CLK
CS
EEPROM
DATA
DATA
A
W
B
EN
AD5111/
AD5113/
AD5115
Figure 1.
GENERAL DESCRIPTION
The AD5111/AD5113/AD5115 provide a nonvolatile solution
for 128-/64-/32-position adjustment applications, offering
guaranteed low resistor tolerance errors of ±8% and up to
±6 mA current density in the A, B, and W pins. The low resistor
tolerance, low nominal temperature coefficient, and high
bandwidth simplify open-loop applications, as well as tolerance
matching applications.
The new low wiper resistance feature minimizes the wiper
resistance in the extremes of the resistor array to only 45 Ω,
typical.
A simple 3-wire up/down interface allows manual switching
or high speed digital control with clock rates up to 50 MHz.
The AD5111/AD5113/AD5115 are available in a 2 mm × 2 mm
LFCSP package. The parts are guaranteed to operate over the
extended industrial temperature range of −40°C to +125°C.
Table 1. ±8% Resistance Tolerance Family
Model
Resistance (kΩ)
Position
Interface
AD5110
10, 80
128
I2C
AD5111
10, 80
128
Up/down
AD5112
5, 10, 80
64
I2C
AD5113
5, 10, 80
64
Up/down
AD5116
5, 10, 80
64
Push-button
AD5114
10, 80
32
I2C
AD5115
10, 80
32
Up/down


Similar Part No. - AD5116

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5116 AD-AD5116 Datasheet
524Kb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
374Kb / 16P
Single-Channel, 64-Position, Push Button, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. B
AD5116 AD-AD5116 Datasheet
448Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, ±8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. B
AD5116 AD-AD5116 Datasheet
2Mb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 8% Resistor Tolerance, Nonvolatile Digital Potentiometer
Rev. D
More results

Similar Description - AD5116

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5110 AD-AD5110 Datasheet
524Kb / 28P
Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5121 AD-AD5121 Datasheet
673Kb / 32P
Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5227 AD-AD5227 Datasheet
384Kb / 16P
64-Position Up/Down Control Digital Potentiometer
REV. B
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
5/2017-Rev. B to Rev. C
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
5/2017-Rev. B to Rev. C
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com