Electronic Components Datasheet Search
  English  ▼

X  

AD5116 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5116
Description  Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5116 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5116 Datasheet HTML 10Page - Analog Devices AD5116 Datasheet HTML 11Page - Analog Devices AD5116 Datasheet HTML 12Page - Analog Devices AD5116 Datasheet HTML 13Page - Analog Devices AD5116 Datasheet HTML 14Page - Analog Devices AD5116 Datasheet HTML 15Page - Analog Devices AD5116 Datasheet HTML 16Page - Analog Devices AD5116 Datasheet HTML 17Page - Analog Devices AD5116 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5111/AD5113/AD5115
Data Sheet
Rev. 0 | Page 14 of 24
–100
0
100
200
300
400
500
600
700
800
–40
–25
–10
5
20
35
TEMPERATURE (°C)
50
65
80
95
110
125
VDD = 2.3V
VDD = 3.3V
VDD = 5V
Figure 18. Supply Current vs. Temperature
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
CODE (Decimal)
80
100
120
0
10
20
30
40
50
60
0
5
10
15
20
25
30
AD5111
AD5113
AD5115
10kΩ
80kΩ
5kΩ
VDD = 5V
Figure 19. Potentiometer Mode Tempco (
(ΔVW/VW)/ΔT × 106) vs. Code
0
–60
–50
–40
–30
–20
–10
100M
10M
1M
100k
10k
FREQUENCY (Hz)
0x20
0x10
0x08
0x04
0x02
0x01
0x00
Figure 20. 5 kΩ Gain vs. Frequency vs. Code
0
0.2
0.4
0.6
0.8
1.0
1.2
0.05
0.65
1.25
1.85
2.45
3.05
3.65
4.25
4.85
DIGITAL INPUT VOLTAGE (V)
VDD = 5V
VDD = 3.3V
VDD = 2.3V
TA = 25°C
Figure 21. Supply Current (IDD) vs. Digital Input Voltage
0
20
40
60
80
100
120
140
160
180
200
10k
Ω
80k
Ω
5k
Ω
VDD = 5V
0
20
40
60
CODE (Decimal)
80
100
120
0
10
20
30
40
50
60
0
5
10
15
20
25
30
AD5111
AD5113
AD5115
Figure 22. Rheostat Mode Tempco (
(ΔRWB/RWB)/ΔT × 106) vs. Code
–50
–40
–30
–10
0
1M
10M
100k
10k
FREQUENCY (Hz)
0x40
0x10
0x04
0x02
–20
–70
–60
0x08
0x01
0x20
0x00
(0x20)
(0x08)
(0x02)
(0x01)
(0x04)
(0x00)
(0x10)
[0x10]
[0x04]
[0x01]
[0x00]
[0x02]
[0x08]
AD5111 (AD5113) [AD5115]
Figure 23. 10 kΩ Gain vs. Frequency vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com