Electronic Components Datasheet Search
  English  ▼

X  

AD5116 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5116
Description  Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5116 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5116 Datasheet HTML 8Page - Analog Devices AD5116 Datasheet HTML 9Page - Analog Devices AD5116 Datasheet HTML 10Page - Analog Devices AD5116 Datasheet HTML 11Page - Analog Devices AD5116 Datasheet HTML 12Page - Analog Devices AD5116 Datasheet HTML 13Page - Analog Devices AD5116 Datasheet HTML 14Page - Analog Devices AD5116 Datasheet HTML 15Page - Analog Devices AD5116 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5111/AD5113/AD5115
Data Sheet
Rev. 0 | Page 12 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–0.06
–0.04
CODE (Decimal)
–0.02
0
0.02
0.04
0.06
0.08
0.10
10kΩ, –40°C
10kΩ, +25°C
10kΩ, +125°C
80kΩ, –40°C
80kΩ, +25°C
80kΩ, +125°C
Figure 6. R-INL vs. Code (AD5111)
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0 3 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60 63
5kΩ, –40°C
5kΩ, +25°C
5kΩ, +125°C
10kΩ, –40°C
10kΩ, +25°C
10kΩ, +125°C
80kΩ, –40°C
80kΩ, +25°C
80kΩ, +125°C
CODE (Decimal)
Figure 7. R-INL vs. Code (AD5113)
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
0.020
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 31
10kΩ, –40°C
10kΩ, +25°C
10kΩ, +125°C
80kΩ, –40°C
80kΩ, +25°C
80kΩ, +125°C
CODE (Decimal)
Figure 8. R-INL vs. Code (AD5115)
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
10kΩ, –40°C
10kΩ, +25°C
10kΩ, +125°C
80kΩ, –40°C
80kΩ, +25°C
80kΩ, +125°C
CODE (Decimal)
Figure 9. R-DNL vs. Code (AD5111)
0 3 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60 63
5kΩ, –40°C
5kΩ, +25°C
5kΩ, +125°C
10kΩ, –40°C
10kΩ, +25°C
10kΩ, +125°C
80kΩ, –40°C
80kΩ, +25°C
80kΩ, +125°C
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
CODE (Decimal)
Figure 10. R-DNL vs. Code (AD5113)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 31
–0.018
–0.016
–0.014
–0.012
–0.010
–0.008
–0.006
–0.004
–0.002
0
0.002
0.004
10kΩ, –40°C
10kΩ, +25°C
10kΩ, +125°C
80kΩ, –40°C
80kΩ, +25°C
80kΩ, +125°C
CODE (Decimal)
Figure 11. R-DNL vs. Code (AD5115)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com