Electronic Components Datasheet Search
  English  ▼

X  

AD5116 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5116
Description  Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5116 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5116 Datasheet HTML 12Page - Analog Devices AD5116 Datasheet HTML 13Page - Analog Devices AD5116 Datasheet HTML 14Page - Analog Devices AD5116 Datasheet HTML 15Page - Analog Devices AD5116 Datasheet HTML 16Page - Analog Devices AD5116 Datasheet HTML 17Page - Analog Devices AD5116 Datasheet HTML 18Page - Analog Devices AD5116 Datasheet HTML 19Page - Analog Devices AD5116 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5111/AD5113/AD5115
Data Sheet
Rev. 0 | Page 16 of 24
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
–1
1
3
5
TIME (µs)
7
9
5k
Ω
10k
Ω
80k
Ω
VDD = 5V
VA = VDD
VB = GND
Figure 30. Maximum Transition Glitch
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.0005
0.0010
0.0015
0.0020
0.0025
–400
–500
–600
–300 –200 –100
0
100
200
300
400
500
600
RESISTOR DRIFT (ppm)
Figure 31. Resistor Lifetime Drift
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
5k
Ω
10k
Ω
80k
Ω
VDD = 5V ± 10% AC
VA = 4V
VB = GND
CODE = HALF SCALE
TA = 25°C
Figure 32. Power Supply Rejection Ratio (PSRR) vs. Frequency
–120
–100
–80
–60
–40
–20
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (µs)
VDD = 5V
VA = VDD
VB = GND
CODE = HALF SCALE
Figure 33. Digital Feedthrough
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
1M
10M
FREQUENCY (Hz)
5k
Ω
10k
Ω
80k
Ω
Figure 34. Shutdown Isolation vs. Frequency
0
1
2
3
4
5
6
7
10k
Ω
80k
Ω
5k
Ω
0
20
40
60
CODE (Decimal)
80
100
120
0
10
20
30
40
50
60
0
5
10
15
20
25
30
AD5111
AD5113
AD5115
Figure 35. Theoretical Maximum Current vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com