Electronic Components Datasheet Search
  English  ▼

X  

AD5116 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5116
Description  Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5116 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5116 Datasheet HTML 11Page - Analog Devices AD5116 Datasheet HTML 12Page - Analog Devices AD5116 Datasheet HTML 13Page - Analog Devices AD5116 Datasheet HTML 14Page - Analog Devices AD5116 Datasheet HTML 15Page - Analog Devices AD5116 Datasheet HTML 16Page - Analog Devices AD5116 Datasheet HTML 17Page - Analog Devices AD5116 Datasheet HTML 18Page - Analog Devices AD5116 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD5111/AD5113/AD5115
Rev. 0 | Page 15 of 24
–60
–50
–40
–30
–10
0
10k
1M
100k
FREQUENCY (Hz)
–20
–80
–70
0x40
0x10
0x04
0x02
0x08
0x01
0x20
0x00
(0x20)
(0x08)
(0x02)
(0x01)
(0x04)
(0x00)
(0x10)
[0x10]
[0x04]
[0x01]
[0x00]
[0x02]
[0x08]
AD5111 (AD5113) [AD5115]
Figure 24. 80 kΩ Gain vs. Frequency vs. Code
–80
–70
–60
–50
–40
–30
–20
–10
0
10k
100k
1M
10M
FREQUENCY (Hz)
FULL SCALE
HALF SCALE
QUARTER SCALE
RAB = 10kΩ
Figure 25. Normalized Phase Flatness vs. Frequency
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
FREQUENCY (Hz)
20
200
2k
20k
200k
10kΩ
5kΩ
80kΩ
VDD = 5V
VA = 2.5V + 1VRMS
VB = 2.5V
CODE = HALF SCALE
NOISE FILTER = 22kHz
Figure 26. Total Harmonic Distortion + Noise (THD + N) vs. Frequency
0
10
20
30
40
50
60
70
80
CODE (Decimal)
5k + 250pF
10k + 75pF
10k + 150pF
10k + 250pF
80k + 0pF
80k + 75pF
80k + 150pF
80k + 250pF
5k + 0pF
5k + 75pF
5k + 150pF
10k + 0pF
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0
5
10
15
AD5111
AD5113
AD5115
Figure 27. Maximum Bandwidth vs. Code vs. Net Capacitance
0
30
60
90
120
150
0
1
2
3
VDD (V)
4
5
6
5.5V
5V
3.3V
2.7V
2.3V
TA = 25°C
Figure 28. Incremental Wiper On Resistance vs. VDD
AMPLITUDE (V rms)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.001
0.01
0.1
1
10kΩ
5kΩ
80kΩ
VDD = 5V
VA = 2.5V + VIN
VB = 2.5V
fIN = 1kHz
CODE = HALF SCALE
NOISE FILTER = 22kHz
Figure 29. Total Harmonic Distortion + Noise (THD + N) vs. Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com