Electronic Components Datasheet Search
  English  ▼

X  

AD5116 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5116
Description  Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5116 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5116 Datasheet HTML 16Page - Analog Devices AD5116 Datasheet HTML 17Page - Analog Devices AD5116 Datasheet HTML 18Page - Analog Devices AD5116 Datasheet HTML 19Page - Analog Devices AD5116 Datasheet HTML 20Page - Analog Devices AD5116 Datasheet HTML 21Page - Analog Devices AD5116 Datasheet HTML 22Page - Analog Devices AD5116 Datasheet HTML 23Page - Analog Devices AD5116 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD5111/AD5113/AD5115
Data Sheet
Rev. 0 | Page 20 of 24
Similar to the mechanical potentiometer, the resistance of
the RDAC between the W terminal and the A terminal also
produces a digitally controlled complementary resistance, RWA.
RWA starts at the maximum resistance value and decreases as the
data loaded into the latch increases. The general equations for
this operation are
AD5111:
W
AB
AW
R
R
R
+
=
Bottom scale (7)
W
AB
AW
R
R
D
D
R
+
×
−
=
128
128
)
(
From 0 to 127 (8)
TS
AW
R
R
=
Top scale (9)
AD5113:
W
AB
AW
R
R
R
+
=
Bottom scale (10)
W
AB
AW
R
R
D
D
R
+
×
−
=
64
64
)
(
From 0 to 63 (11)
TS
AW
R
R
=
Top scale (12)
AD5115:
W
AB
AW
R
R
R
+
=
Bottom scale (13)
W
AB
AW
R
R
D
D
R
+
×
−
=
32
32
)
(
From 0 to 31 (14)
TS
AW
R
R
=
Top scale (15)
where:
D is the decimal equivalent of the binary code in the 5-/6-/7-bit
RDAC register; 128, 64, and 32 refer to top scale step.
RAB is the end-to-end resistance.
RW is the wiper resistance.
RTS is the wiper resistance at top scale.
Regardless of which setting the part is operating in, take care
to limit the current between A to B, W to A, and W to B, to
the maximum continuous current of ±6 mA (5 kΩ and 10 kΩ)
or ±1.5 mA (80 kΩ), or pulse current specified in Table 6.
Otherwise, degradation or possible destruction of the internal
switch contact can occur.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at
W-to-B and W-to-A that is proportional to the input voltage at
A-to-B, as shown in Figure 44. Unlike the polarity of VDD to
GND, which must be positive, current across A-to-B, W-to-A,
and W-to-B can be in either direction.
A
VI
W
B
VO
Figure 44. Potentiometer Mode Configuration
If ignoring the effect of the wiper resistance for simplicity,
connecting Terminal A to 5 V and Terminal B to ground
produces an output voltage at W to B ranging from 0 V to 5 V.
The general equation defining the output voltage at VW with
respect to ground for any valid input voltage applied to
Terminal A and Terminal B, is
B
AB
AW
A
AB
WB
W
V
R
D
R
V
R
D
R
D
V
×
+
×
=
)
(
)
(
)
(
(16)
where:
RWB(D) can be obtained from Equation 1 to Equation 6.
RAW(D) can be obtained from Equation 7 to Equation 14.
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
the rheostat mode, the output voltage is dependent mainly
on the ratio of the internal resistors, RWA and RWB, and not the
absolute values. Therefore, the temperature drift reduces to
5 ppm/°C.
TERMINAL VOLTAGE OPERATING RANGE
The AD5111/AD5113/AD5115 are designed with internal
ESD diodes for protection. These diodes also set the voltage
boundary of the terminal operating voltages. Positive signals
present on the A, B, or W terminals that exceed VDD are
clamped by the forward-biased diode. There is no polarity
constraint between VA, VW, and VB, but they cannot be higher
than VDD or lower than GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com