Electronic Components Datasheet Search
  English  ▼

X  

VC-501 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VC-501
Description  Voltage Controlled Crystal Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-501 Datasheet(HTML) 4 Page - Vectron International, Inc

  VC-501 Datasheet HTML 1Page - Vectron International, Inc VC-501 Datasheet HTML 2Page - Vectron International, Inc VC-501 Datasheet HTML 3Page - Vectron International, Inc VC-501 Datasheet HTML 4Page - Vectron International, Inc VC-501 Datasheet HTML 5Page - Vectron International, Inc VC-501 Datasheet HTML 6Page - Vectron International, Inc VC-501 Datasheet HTML 7Page - Vectron International, Inc VC-501 Datasheet HTML 8Page - Vectron International, Inc VC-501 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Table 3. Electrical Performance - 3.3V LVPECL (201 MHz to 1 GHz) Crystal-Based Multiplier w/SAW
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1
3.135
3.3
3.465
V
Current2
I
DD
90
mA
Frequency
Nominal Frequency3
f
N
201
1000
MHz
Absolute Pull Range 2,6,
ordering option
APR
±50
ppm
Linearity2
Lin
5
10
%
Gain Transfer2 (77.76 - 200 MHz)
K
V
+100
ppm/V
Temperature Stability
f
STAB
±20
ppm
Outputs
Mid Level
V
DD
-1.5
V
DD
-1.3
V
DD
-1.2
V
Single Ended Swing
750
mV-pp
Double Ended Swing
1.5
V-pp
Fall Time2,4
t
R
500
ps
Fall Time2,4
t
F
500
ps
Symmetry2
SYM
45
50
55
%
Jitter, RMS 5,8 (12kHz to 20 MHz)
фJ
0.1
0.250
ps
Jitter, RMS 5,8 (50kHz to 80MHz)
фJ
0.12
0.300
ps
Period Jitter, RMS (622.08MHz)7
фJ
2.5
3.0
ps
Period Jitter, Peak-Peak (622.08MHz)7
фJ
16
24
ps
Spurious Suppression
-60
-50
dBc
Phase Noise8 (614.4 MHz)
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
-57
-88
-112
-131
-138
-142
-152
dBc/Hz
Control Voltage
Control Voltage Range for Pull Range
V
C
0.3
3.0
V
Control Voltage Input Impedance
Z
IN
75
kΩ
Control Voltage Modulation BW
BW
50
kHz
Output Enabled, Option A
Output Disabled, Option A
V
IH
V
IL
0.7*V
DD
0.3*V
DD
V
V
Output Enabled, Option C
Output Disabled, Option C
V
IH
V
IL
0.7*V
DD
0.3*V
DD
V
V
Operating Temp, Ordering Option
T
OP
0/70 or -40/85
°C
Package Size
14.0 x 9.0 x 4.5
mm
Performance Specifications
The power supply should have by-pass capacitors as close to the supply and to ground as possible, for examples 0.1 and 0.01uF
1]
Parameters are tested with production test circuit below as shown in Figure 3.
2]
See Standard Frequencies and Ordering Information tables for more specific information
3]
Measured from 20% to 80% of a full output swing as shown in Figure 4.
4]
Not tested in production, guaranteed by design, verified at qualification.
5]
Tested with Vc = 0V to 3.3V unless otherwise stated in part description
6]
Broadband Period Jitter measured using Wavecrest SIA3300C, 90K samples.
7]
Phase Noise is measured with an Agilent E5052A.
8]
The Output is Enabled if the Enable/Disable is left open.
9]
Page4
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 6/30/2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com