Electronic Components Datasheet Search
  English  ▼

X  

VC-501 Datasheet(PDF) 9 Page - Vectron International, Inc

Part # VC-501
Description  Voltage Controlled Crystal Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-501 Datasheet(HTML) 9 Page - Vectron International, Inc

Back Button VC-501 Datasheet HTML 3Page - Vectron International, Inc VC-501 Datasheet HTML 4Page - Vectron International, Inc VC-501 Datasheet HTML 5Page - Vectron International, Inc VC-501 Datasheet HTML 6Page - Vectron International, Inc VC-501 Datasheet HTML 7Page - Vectron International, Inc VC-501 Datasheet HTML 8Page - Vectron International, Inc VC-501 Datasheet HTML 9Page - Vectron International, Inc VC-501 Datasheet HTML 10Page - Vectron International, Inc VC-501 Datasheet HTML 11Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Outline Drawing & Pad Layout
Table 9a. Pin Out - 3.3V CMOS Option
Pin
Symbol
Function
1
V
C
VCXO Control Voltage
2
E/D
Enable Disable
** See Ordering Options**
3
GND
Case and Electrical Ground
4
Output
Output
5
N/C
No Connect
6
V
DD
Power Supply Voltage
Tape & Reel (EIA-481-2-A)
Table 10. Tape and Reel Information
Tape Dimensions (mm)
Reel Dimensions (mm)
Dimension
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
# Per
Reel
Tolerance
Typ
Typ
Typ
Typ
Typ
Typ
Min
Typ
Min
Min
Typ
Max
VC-501
24
11.5
1.5
4
12
330
1.78
13
21
100
25
30
200
Table 9b. Pin Out - 3.3V LVPECL Option
Pin
Symbol
Function
1
V
C
VCXO Control Voltage
2
E/D
Enable Disable
**See Ordering Options**
3
GND
Case and Electrical Ground
4
Output
Output
5
COutput
Complementary Output
6
V
DD
Power Supply Voltage
Figure 9. Outline Drawing and Pad Layout
Figure 10. Tape and Reel Drawing
VC501
YWW
VC501
YWW
CCC-CCCC
CCC-CCCC
XXXMXXX
XXXMXXX
Page9
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 6/30/2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com