Electronic Components Datasheet Search
  English  ▼

X  

VC-501 Datasheet(PDF) 10 Page - Vectron International, Inc

Part # VC-501
Description  Voltage Controlled Crystal Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-501 Datasheet(HTML) 10 Page - Vectron International, Inc

Back Button VC-501 Datasheet HTML 3Page - Vectron International, Inc VC-501 Datasheet HTML 4Page - Vectron International, Inc VC-501 Datasheet HTML 5Page - Vectron International, Inc VC-501 Datasheet HTML 6Page - Vectron International, Inc VC-501 Datasheet HTML 7Page - Vectron International, Inc VC-501 Datasheet HTML 8Page - Vectron International, Inc VC-501 Datasheet HTML 9Page - Vectron International, Inc VC-501 Datasheet HTML 10Page - Vectron International, Inc VC-501 Datasheet HTML 11Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Table 11. Standard Output Frequencies (MHz)
89.60000
93.31200
100.00000
122.88000
125.00000
127.79520
148.50000
155.52000
156.25000
161.13280
167.331600
Page10
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 6/30/2011
Ordering Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 7268.8010
Fax: +49 (0) 7268.801281
Asia:
Vectron International
1589 Century Avenue, the 19th Floor
Chamtime International Financial Center
Shanghai, China
Tel: 86.21.60812888
Fax: 86.21.61633598
VC-501- E A E - K X A N- 122M880000
Product
VCXO, 9x14 Package
Voltage Options
E: +3.3 Vdc
Output
A: CMOS
C: LVPECL
Stability
X: Standard
E: ±20 ppm Temperature
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
T: 0/70°C
E: -40/85°C
Oscillator Gain
N: Standard Crystal (+80 ppm/V)
P: Improved Phase Noise (+80/+100 ppm/V)
A: Standard SAW (+445 ppm/V)
B: Low SAW (+325 ppm/V)
Absolute Pull Range
K: ±50 ppm
Enable/Disable
A: Enable High, Pin 2
C: Enable Low, Pin 2
X: Disable (NC)
Example: VC-501-EAE-KEXN-122M880000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com