Electronic Components Datasheet Search
  English  ▼

X  

VC-501 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VC-501
Description  Voltage Controlled Crystal Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-501 Datasheet(HTML) 5 Page - Vectron International, Inc

  VC-501 Datasheet HTML 1Page - Vectron International, Inc VC-501 Datasheet HTML 2Page - Vectron International, Inc VC-501 Datasheet HTML 3Page - Vectron International, Inc VC-501 Datasheet HTML 4Page - Vectron International, Inc VC-501 Datasheet HTML 5Page - Vectron International, Inc VC-501 Datasheet HTML 6Page - Vectron International, Inc VC-501 Datasheet HTML 7Page - Vectron International, Inc VC-501 Datasheet HTML 8Page - Vectron International, Inc VC-501 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Table 4. Electrical Performance - 3.3V LVPECL (120 MHz to 1 GHz) SAW-Based
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1
2.97
3.3
3.63
V
Current2 (No Load)
I
DD
60
75
mA
Frequency
Nominal Frequency3
f
N
120
1000
MHz
Absolute Pull Range 2,6,
ordering option
APR
±50
ppm
Linearity2
Lin
±7
%
Gain Transfer2 (Standard Gain)
Gain Transfer2 (Low Gain)
K
V
K
V
+445
+325
ppm/V
ppm/V
Temperature Stability
f
STAB
±100
ppm
Outputs
Output Logic Levels2
Mid Level
Single Ended Swing
Differential Swing
V
DD
-1.5
V
DD
-1.3
750
1.5
V
DD
-1.1
mV
mV-pp
V-pp
Rise Time2,4
t
R
180
250
ps
Fall Time2,4
t
F
180
250
ps
Symmetry2
SYM
45
50
55
%
Jitter, RMS 5,8 (12kHz to 20 MHz)
фJ
0.15
0.3
ps
Phase Noise8 (491.52 MHz)
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
-40
-66
-90
-111
-132
-149
-150
dBc/Hz
Control Voltage
Control Voltage Range for Pull Range
V
C
0.3
3.0
V
Control Voltage Input Impedance5
Z
IN
123
kΩ
Control Voltage Modulation BW5
BW
200
kHz
Output Enable/Disable9
Output Enabled, Option A
Output Disabled, Option A
V
IH
V
IL
0.9*V
DD
0.1*V
DD
V
Start-Up Time
T
S
10
ms
Operating Temp, Ordering Option
T
OP
0/70 or -40/85
°C
Performance Specifications
The power supply should have by-pass capacitors as close to the supply and to ground as possible, for examples 0.1 and 0.01uF
1]
Parameters are tested with production test circuit below as shown in Figure 3.
2]
See Standard Frequencies and Ordering Information tables for more specific information
3]
Measured from 20% to 80% of a full output swing as shown in Figure 4.
4]
Not tested in production, guaranteed by design, verified at qualification.
5]
Tested with Vc = 0V to 3.3V unless otherwise stated in part description
6]
Broadband Period Jitter measured using Wavecrest SIA3300C, 90K samples.
7]
Phase Noise is measured with an Agilent E5052A.
8]
The Output is Enabled if the Enable/Disable is left open.
9]
Page5
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 6/30/2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com