Electronic Components Datasheet Search
  English  ▼

X  

VC-501 Datasheet(PDF) 11 Page - Vectron International, Inc

Part # VC-501
Description  Voltage Controlled Crystal Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-501 Datasheet(HTML) 11 Page - Vectron International, Inc

Back Button VC-501 Datasheet HTML 3Page - Vectron International, Inc VC-501 Datasheet HTML 4Page - Vectron International, Inc VC-501 Datasheet HTML 5Page - Vectron International, Inc VC-501 Datasheet HTML 6Page - Vectron International, Inc VC-501 Datasheet HTML 7Page - Vectron International, Inc VC-501 Datasheet HTML 8Page - Vectron International, Inc VC-501 Datasheet HTML 9Page - Vectron International, Inc VC-501 Datasheet HTML 10Page - Vectron International, Inc VC-501 Datasheet HTML 11Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Page11
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 6/30/2011
Revision History
Date
Approved
Description
30Jun2011
BW
Added 3.3V LVPECL (201 MHz to 1 GHz) Crystal-Based Multiplier w/SAW Electrical Specifica-
tions (Table 3) and Block Diagrams 1b and 1c.
29Jun2011
BW
Updated recommended solder reflow information, Table 6.
17May2011
BW
Added additional order option to the Oscillator Gain ordering code.
05Apr2011
BW
Added CMOS and oscillator gain ordering options. Ordering Codes updated to new universal
scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com