Electronic Components Datasheet Search
  English  ▼

X  

HT45F23 Datasheet(PDF) 126 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 126 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 128Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 129Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 130Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 152 page
background image
Power Down Mode and Wake-up
Entering the IDLE or SLEEP Mode
There is only one way for the device to enter the SLEEP or IDLE Mode and that is to execute the
²HALT² instruction in the application program. When this instruction is executed, the following will
occur:
· The system clock will be stopped and the application program will stop at the
²HALT² instruction.
· The Data Memory contents and registers will maintain their present condition.
· The WDT will be cleared and resume counting if the WDT clock source is selected to come from the
fSUB clock source and the WDT is enabled. The WDT will stop if its clock source originates from the
system clock.
· The I/O ports will maintain their present condition.
· In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO, will be
cleared.
Standby Current Considerations
As the main reason for entering the SLEEP or IDLE Mode is to keep the current consumption of the
device to as low a value as possible, perhaps only in the order of several micro-amps, there are other
considerations which must also be taken into account by the circuit designer if the power consumption
is to be minimised. Special attention must be made to the I/O pins on the device. All high-impedance
input pins must be connected to either a fixed high or low level as any floating input pins could create
internal oscillations and result in increased current consumption. This also applies to devices which
have different package types, as there may be unbonbed pins. These must either be setup as outputs or
if setup as inputs must have pull-high resistors connected. Care must also be taken with the loads,
which are connected to I/O pins, which are setup as outputs. These should be placed in a condition in
which minimum current is drawn or connected only to external circuits that do not draw current, such
as other CMOS inputs. Also note that additional standby current will also be required if the
configuration options have enabled the LIRC oscillator.
Wake-up
After the system enters the SLEEP or IDLE Mode, it can be woken up from one of various sources listed as
follows:
· An external reset
· An external falling edge on Port A
· A system interrupt
· A WDT overflow
If the system is woken up by an external reset, the device will experience a full system reset, how-
ever, if the device is woken up by a WDT overflow, a Watchdog Timer reset will be initiated. Al-
though both of these wake-up methods will initiate a reset operation, the actual source of the
wake-up can be determined by examining the TO and PDF flags. The PDF flag is cleared by a sys-
tem power-up or executing the clear Watchdog Timer instructions and is set when executing the
²HALT² instruction. The TO flag is set if a WDT time-out occurs, and causes a wake-up that only re-
sets the Program Counter and Stack Pointer, the other flags remain in their original status.
Rev. 1.20
126
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com