Electronic Components Datasheet Search
  English  ▼

X  

HT45F23 Datasheet(PDF) 130 Page - Holtek Semiconductor Inc

Part # HT45F23
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F23 Datasheet(HTML) 130 Page - Holtek Semiconductor Inc

Back Button HT45F23 Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 128Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 129Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 130Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 133Page - Holtek Semiconductor Inc HT45F23 Datasheet HTML 134Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 152 page
background image
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the OTP
Program Memory device during the programming process. During the development process, these
options are selected using the HT-IDE software development tools. As these options are programmed
into the device using the hardware programming tools, once they are selected they can not be changed
later by the application software. All options must be defined for proper system function, the details of
which are shown in the table.
No.
Options
Oscillator Option
1
OSC type selection: ERC or crystal or HIRC or EC (external clock)
00: XTAL (Filter ON)
01: ERC (Filter ON)
10: HIRC (Filter OFF)
11: EC (Filter OFF)
2
Low speed system oscillator selection
- fL: LXT, LIRC
3
HIRC frequency selection: 4MHz, 910kHz, 2MHz, 8MHz
4fS clock selection: fSUB or fSYS/4
5
XTAL mode selection: 455KHz or 1M~12MHz
Watchdog Options
6
WDT enable or disable
7
CLRWDT instructions: 1 or 2 instructions
LVR/LVD Options
8
LVR function: enable or disable
9
LVR voltage : 2.1V or 2.55V or 3.15V or 4.2V
RC Filter
10
RC filter for TMR0/1 & INT0/1, enable or disable
SPI
11
SIM enable/disable
12
SPI_WCOL: enable/disable
13
SPI_CSEN: enable/disable, used to enable/disable (1/0) software CSEN function
I
2C
14
I
2C Debounce Time: no debounce, 1 system clock, 2 system clock
RES
15
I/O or RES function
Lock Options
16
Lock All
17
Partial Lock
Rev. 1.20
130
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com