Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
52
March 06 , 2012
Rev. 1.50
53
March 06 , 2012
Oscillator
Various oscillator options offer the user a wide range of functions according to their various
application requirements. The flexible features of the oscillator functions ensure that the best
optimisation can be achieved in terms of speed and power saving. Oscillator selections and operation
are selected through a combination of configuration options and registers.
Oscillator Overview
In addition to being the source of the main system clock the oscillators also provide clock sources
for the Watchdog Timer and Time Base Interrupts. External oscillators requiring some external
components as well as fully integrated internal oscillators, requiring no external components, are
provided to form a wide range of both fast and slow system oscillators. All oscillator options are
selected through the configuration options. The higher frequency oscillators provide higher
performance but carry with it the disadvantage of higher power requirements, while the opposite is
of course true for the lower frequency oscillators. With the capability of dynamically switching
between fast and slow system clock, the device has the flexibility to optimize the performance/
power ratio, a feature especially important in power sensitive portable applications.
Type
Name
Freq.
Pins
External Crystal
HXT
400kHz~20MHz
OSC1/OSC2
External RC
ERC
8MHz
OSC1
External Clock
EC
400kHz~20MHz
OSC1
Internal High Speed RC
HIRC
4, 8 or 12MHz
—
External Low Speed Crystal
LXT
32.768kHz
XT1/XT2
Internal Low Speed RC
LIRC
32kHz
—
Oscillator Types
System Clock Configurations
There are six methods of generating the system clock, three high speed oscillators and two low
speed oscillators. The high speed oscillators are the external crystal/ceramic oscillator, external RC
network oscillator, external clock and the internal 4MHz, 8MHz or 12MHz RC oscillator. The two
low speed oscillators are the internal 32kHz RC oscillator and the external 32.768kHz crystal
oscillator. Selecting whether the low or high speed oscillator is used as the system oscillator is
implemented using the HLCLK bit and CKS2 ~ CKS0 bits in the SMOD register and as the system
clock can be dynamically selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com