Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
14
March 06 , 2012
Rev. 1.50
15
March 06 , 2012
Pin Description
The function of each pin is listed in the following table, however the details behind how each pin is
configured is contained in other sections of the datasheet.
●
HT67F30
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
—
PB0~PB5
Port B
PBPU
ST
CMOS
—
PC0~PC1
Port C
PCPU
ST
CMOS
—
PD0~PD7
Port D
PDPU
ST
CMOS
—
PE0~PE7
Port E
PEPU
ST
CMOS
—
AN0~AN7
ADC input
ACERL
AN
—
PA0~PA7
VREF
ADC reference input
ADCR1
AN
—
PB5
C0-, C1-
Comparator 0, 1 input
CP0C
CP1C
PRM0
AN
—
PA3, PC1
C0+, C1+
Comparator 0, 1 input
AN
—
PA2, PC0
C0X, C1X
Comparator 0, 1 output
—
CMOS
PA0, PA5 or PE2, PE6
or PE3,PE7
TCK0, TCK1
TM0, TM1 input
—
ST
—
PA2, PA4 or PE0,PE1
TP0_0, TP0_1 TM0 I/O
TMPC0
ST
CMOS
PA0, PA7or PD0, PD1
TP1A
TM1 I/O
TMPC0
ST
CMOS
PA1 or PD2
TP1B_0,
TP1B_1
TM1 I/O
TMPC0
ST
CMOS
PC0, PC1 or PD3, PD4
INT0, INT1
Ext. interrupt 0, 1
—
ST
—
PA3, PA4 or PE4,PE5
PINT
Peripheral interrupt
—
ST
—
PA4
PCK
Peripheral clock output
—
—
CMOS
PA5
SDI
SPI data input
—
ST
—
PC0
SDO
SPI data output
—
—
CMOS
PC1
SCS
SPI slave select
—
ST
CMOS
PA6
SCK
SPI serial clock
—
ST
CMOS
PA7
SCL
I2C clock
—
ST
NMOS
PA7
SDA
I2C data
—
ST
NMOS
PC0
SDIA
SPIA data input
—
ST
—
PA2
SDOA
SPIA data output
—
—
CMOS
PA3
SCSA
SPIA slave select
—
ST
CMOS
PA0
SCKA
SPIA serial clock
—
ST
CMOS
PA1
OSC1
HXT/ERC pin
CO
HXT
—
PB1
OSC2
HXT pin
CO
—
HXT
PB2
XT1
LXT pin
CO
LXT
—
PB3
XT2
LXT pin
CO
—
LXT
PB4
RES
Reset input
CO
ST
—
PB0
VDD
Power supply *
—
PWR
—
—
AVDD
ADC power supply *
—
PWR
—
—
VSS
Ground **
—
PWR
—
—
AVSS
ADC ground **
—
PWR
—
—
VLCD
LCD power supply
—
PWR
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com