Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 69Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 70Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 71Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 72Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 73Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 74Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
70
March 06 , 2012
Rev. 1.50
71
March 06 , 2012
8- st age Di vi der
f S
WD T Ti me - out
(2 8 /f S ~ 2 15 /f S )
f S /2 8
WD T Pr e sca le r
8- to -1 M U X
Cl ear W DT T yp e
C onf i gur at i on Op ti on
CL R WD T1 F la g
CL R WD T2 F la g
1 or 2 I ns tr uc ti ons
CL R
f SU B
WS 2~ WS 0
( f S /2 8 ~ f S /2 15 )
M
U
X
f SY S /4
M
U
X
LX T
LI RC
C onf i gur at io n
O p ti on
C onf i gur at io n
Op ti on
Watchdog Timer
Reset and Initialisation
A reset function is a fundamental part of any microcontroller ensuring that the device can be set to
some predetermined condition irrespective of outside parameters. The most important reset
condition is after power is first applied to the microcontroller. In this case, internal circuitry will
ensure that the microcontroller, after a short delay, will be in a well defined state and ready to
execute the first program instruction. After this power-on reset, certain important internal registers
will be set to defined states before the program commences. One of these registers is the Program
Counter, which will be reset to zero forcing the microcontroller to begin program execution from the
lowest Program Memory address.
In addition to the power-on reset, situations may arise where it is necessary to forcefully apply a
reset condition when the is running. One example of this is where after power has been applied and
the is already running, the RES line is forcefully pulled low. In such a case, known as a normal
operation reset, some of the registers remain unchanged allowing the to proceed with normal
operation after the reset line is allowed to return high.
Another type of reset is when the Watchdog Timer overflows and resets the . All types of reset
operations result in different register conditions being setup. Another reset exists in the form of a
Low Voltage Reset, LVR, where a full reset, similar to the RES reset is implemented in situations
where the power supply voltage falls below a certain threshold.
Reset Functions
There are five ways in which a reset can occur, through events occurring both internally and
externally:
● Power-on Reset
The most fundamental and unavoidable reset is the one that occurs after power is first applied to
the . As well as ensuring that the Program Memory begins execution from the first memory
address, a power-on reset also ensures that certain other registers are preset to known conditions.
All the I/O port and port control registers will power up in a high condition ensuring that all pins
will be first set to inputs.
RE S
VD D
In te r nal R es et
0. 9 V DD
t RS TD + t SST
t RS TD + t SST
Power-On Reset Timing Chart
Note: tRSTD is power-on delay, typical time=100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com