Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 88Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 89Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 90Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 91Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 92Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 93Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 94Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 95Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 242 page
background image
Rev. 1.50
92
March 06 , 2012
Rev. 1.50
93
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
PGC Register
●
HT67F50
Bit
7
6
5
4
3
2
1
0
Name
—
—
D5
D4
D3
D2
D1
D0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
1
1
1
1
1
1
Bit 7~6
“–” Unimplemented, read as “0”
●
HT67F60
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
PHC Register
●
HT67F60
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit 7~0
I/O Port bit 7 ~ bit 0 Input/Output Control
0: Output
1: Input
Pin-remapping Functions
The flexibility of the microcontroller range is greatly enhanced by the use of pins that have more
than one function. Limited numbers of pins can force serious design constraints on designers but by
supplying pins with multi-functions, many of these difficulties can be overcome. The way in which
the pin function of each pin is selected is different for each function and a priority order is
established where more than one pin function is selected simultaneously. Additionally there are a
series of PRM0, PRM1 and PRM2 registers to establish certain pin functions.
Pin-remapping Registers
The limited number of supplied pins in a package can impose restrictions on the amount of functions
a certain device can contain. However by allowing the same pins to share several different functions
and providing a means of function selection, a wide range of different functions can be incorporated
into even relatively small package sizes. Some devices include PRM0, PRM1 or PRM2 registers
which can select the functions of certain pins.
Pin-remapping Register List
●
HT67F30
Register
Name
Bit
7
6
5
4
3
2
1
0
PRM0
1XPS1 C1XPS0 C0XPS1 C0XPS0
—
—
—
—
PRM1
—
TCK1PS TCK0PS
—
INT1PS
INT0PS TP1B1PS TP1B0PS
PRM2
—
—
—
—
—
TP1APS TP01PS TP00PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com