Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 60 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 60 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 57Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 58Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 59Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 60Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 61Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 62Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 63Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 64Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 242 page
background image
Rev. 1.50
60
March 06 , 2012
Rev. 1.50
61
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
System Operation Modes
There are six different modes of operation for the microcontroller, each one with its own special
characteristics and which can be chosen according to the specific performance and power
requirements of the application. There are two modes allowing normal operation of the
microcontroller, the NORMAL Mode and SLOW Mode. The remaining four modes, the SLEEP0,
SLEEP1, IDLE0 and IDLE1 Mode are used when the microcontroller CPU is switched off to
conserve power.
Operation
Mode
Description
CPU
fSYS
fSUB
fS
fTBC
NORMAL Mode
On
fH~ fH/64
On
On
On
SLOW Mode
On
fL
On
On
On
IDLE0 Mode
Off
Off
On
On/Off
On
IDLE1 Mode
Off
On
On
On
On
SLEEP0 Mode
Off
Off
Off
Off
Off
SLEEP1 Mode
Off
Off
On
On
Off
● NORMAL Mode
As the name suggests this is one of the main operating modes where the microcontroller has all of
its functions operational and where the system clock is provided by one of the high speed
oscillators. This mode operates allowing the microcontroller to operate normally with a clock
source will come from one of the high speed oscillators, either the HXT, ERC, EC or HIRC
oscillators. The high speed oscillator will however first be divided by a ratio ranging from 1 to 64,
the actual ratio being selected by the CKS2~CKS0 and HLCLK bits in the SMOD register.
Although a high speed oscillator is used, running the microcontroller at a divided clock ratio
reduces the operating current.
● SLOW Mode
This is also a mode where the microcontroller operates normally although now with a slower
speed clock source. The clock source used will be from one of the low speed oscillators, either the
LXT or the LIRC. Running the microcontroller in this mode allows it to run with much lower
operating currents. In the SLOW Mode, the fH is off.
● SLEEP0 Mode
The SLEEP Mode is entered when an HALT instruction is executed and when the IDLEN bit in
the SMOD register is low. In the SLEEP0 mode the CPU will be stopped, and the fSUB and fS
clocks will be stopped too, and the Watchdog Timer function is disabled. In this mode, the
LVDEN is must set to "0". If the LVDEN is set to "1", it won't enter the SLEEP0 Mode.
● SLEEP1 Mode
The SLEEP Mode is entered when an HALT instruction is executed and when the IDLEN bit in
the SMOD register is low. In the SLEEP1 mode the CPU will be stopped. However the fSUB and fS
clocks will continue to operate if the LVDEN is "1" or the Watchdog Timer function is enabled
and if its clock source is chosen via configuration option to come from the fSUB.
● IDLE0 Mode
The IDLE0 Mode is entered when a HALT instruction is executed and when the IDLEN bit in the
SMOD register is high and the FSYSON bit in the WDTC register is low. In the IDLE0 Mode the
system oscillator will be inhibited from driving the CPU but some peripheral functions will
remain operational such as the Watchdog Timer, TMs and LCD driver. In the IDLE0 Mode, the
system oscillator will be stopped. In the IDLE0 Mode the Watchdog Timer clock, fS, will either be
on or off depending upon the fS clock source. If the source is fSYS/4 then the fS clock will be off,
and if the source comes from fSUB then fS will be on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com