Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 4Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 5Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 6Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 7Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 8Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 242 page
background image
Rev. 1.50
8
March 06 , 2012
Rev. 1.50
9
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
● Flash program memory can be re-programmed up to100,000 times
● Flash program memory data retention > 10 years
● EEPROM data memory can be re-programmed up to 1,000,000 times
● EEPROM data memory data retention > 10 years
General Description
The HT67FXX series of devices are Flash Memory A/D with LCD type 8-bit high performance
RISC architecture microcontrollers, designed for applications that interface directly to analog signals
and which require an LCD interface. Offering users the convenience of Flash Memory multi-
programming features, these devices also include a wide range of functions and features. Other
memory includes an area of RAM Data Memory as well as an area of EEPROM memory for storage
of non-volatile data such as serial numbers, calibration data etc.
Analog features include a multi-channel 12-bit A/D converter and dual comparator functions.
Multiple and extremely flexible Timer Modules provide timing, pulse generation and PWM
generation functions. Communication with the outside world is catered for by including fully
integrated SPI or I2C interface functions, two popular interfaces which provide designers with a
means of easy communication with external peripheral hardware. Protective features such as an
internal Watchdog Timer, Low Voltage Reset and Low Voltage Detector coupled with excellent noise
immunity and ESD protection ensure that reliable operation is maintained in hostile electrical
environments.
A full choice of HXT, LXT, ERC, HIRC and LIRC oscillator functions are provided including a
fully integrated system oscillator which requires no external components for its implementation. The
ability to operate and switch dynamically between a range of operating modes using different clock
sources gives users the ability to optimise microcontroller operation and minimise power
consumption.
The inclusion of flexible I/O programming features, Time-Base functions along with many other
features ensure that the devices will find excellent use in applications such as electronic metering,
environmental monitoring, handheld instruments, household appliances, electronically controlled
tools, motor driving in addition to many others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com