Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 183 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 183 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 179Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 180Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 181Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 182Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 183Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 184Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 185Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 186Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 187Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
182
March 06 , 2012
Rev. 1.50
183
March 06 , 2012
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3 D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S PI AD
(S DO A c hange s as s oon as w ri ti ng o ccu rs ; S DO A is f lo at i ng if S CS A= 1)
No te :F or S PI A sl av e m ode , i f S PL AE N= 1 and SA CS EN =0 , SP IA i s al wa ys
enab le d and ig nor es t he SC SAB le ve l.
SC KA ( SAC KP OL =1 )
SC KA ( SAC KP OL =0 )
SD OA
SC SA
SD IA D at a C apt ur e
SPIA Slave Mode Timing – SACKEG=1
SPI AEN = 1
Wr it e Da ta
in to SPI AD
SW CO L= 1?
Cl ea r SAW CO L
Y
Tr ans mi ss io n
co mp le te d ?
( SAT R F= 1? )
N
Y
R ead Da ta
fr om SPI AD
Cl ea r SAT R F
Tr an sf er
Fi ni sh ed ?
N
Y
EN D
ma st er o r
sl av e
?
Ma st er
Sl av e
A
A
SPI A tr an sf er
Co nf ig ur e SAC KPO LB ,
SAC KEG , SAC SEN a nd SAM LS
SASPI [2 :0 ]= 000,
001, 010, 011 o r 100
SASPI [2 :0 ]= 10 1
N
SPIA Transfer Control Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com