Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 189 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 189 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 185Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 186Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 187Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 188Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 189Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 190Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 191Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 192Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 193Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
188
March 06 , 2012
Rev. 1.50
189
March 06 , 2012
INTC2 Register
●
HT67F30/HT67F40/HT67F50/HT67F60
Bit
7
6
5
4
3
2
1
0
Name
MF3F
TB1F
TB0F
MF2F
MF3E
TB1E
TB0E
MF2E
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
MF3F: Multi-function Interrupt 3 Request Flag
0: no request
1: interrupt request
Bit 6
TB1F: Time Base 1 Interrupt Request Flag
0: no request
1: interrupt request
Bit 5
TB0F: Time Base 0 IInterrupt Request Flag
0: no request
1: interrupt request
Bit 4
MF2F: Multi-function Interrupt 2 Request Flag
0: no request
1: interrupt request
Bit 3
MF3E: Multi-function Interrupt 3 Control
0: disable
1: enable
Bit 2
TB1E: Time Base 1 Interrupt Control
0: disable
1: enable
Bit 1
TB0E: Time Base 0 Interrupt Control
0: disable
1: enable
Bit 0
MF2E: Multi-function Interrupt 2 Control
0: disable
1: enable
INTC3 Register
●
HT67F60
Bit
7
6
5
4
3
2
1
0
Name
—
—
INT3F
INT2F
—
—
INT3E
INT2E
R/W
—
—
R/W
R/W
—
—
R/W
R/W
POR
—
—
0
0
—
—
0
0
Bit 7~6
unimplemented, read as "0"
Bit 5
INT3F: INT3 interrupt request flag
0: no request
1: interrupt request
Bit 4
INT2F: INT2 interrupt request flag
0: no request
1: interrupt request
Bit 3~2
unimplemented, read as "0"
Bit 1
INT3E: INT3 interrupt control
0: disable
1: enable
Bit 0
INT2E: INT2 interrupt control
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com