Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 197 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 197 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 193Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 194Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 195Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 196Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 197Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 198Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 199Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 200Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 201Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
196
March 06 , 2012
Rev. 1.50
197
March 06 , 2012
External Interrupt
The external interrupts are controlled by signal transitions on the pins INT0~INT3. An external
interrupt request will take place when the external interrupt request flags, INT0F~INT3F, are set,
which will occur when a transition, whose type is chosen by the edge select bits, appears on the
external interrupt pins. To allow the program to branch to its respective interrupt vector address, the
global interrupt enable bit, EMI, and respective external interrupt enable bit, INT0E~INT3E, must
first be set. Additionally the correct interrupt edge type must be selected using the INTEG register to
enable the external interrupt function and to choose the trigger edge type. As the external interrupt
pins are pin-shared with I/O pins, they can only be configured as external interrupt pins if their
external interrupt enable bit in the corresponding interrupt register has been set. The pin must also
be setup as an input by setting the corresponding bit in the port control register. When the interrupt
is enabled, the stack is not full and the correct transition type appears on the external interrupt pin, a
subroutine call to the external interrupt vector, will take place. When the interrupt is serviced, the
external interrupt request flags, INT0F~INT3F, will be automatically reset and the EMI bit will be
automatically cleared to disable other interrupts. Note that any pull-high resistor selections on the
external interrupt pins will remain valid even if the pin is used as an external interrupt input.
The INTEG register is used to select the type of active edge that will trigger the external interrupt. A
choice of either rising or falling or both edge types can be chosen to trigger an external interrupt.
Note that the INTEG register can also be used to disable the external interrupt function.
Comparator Interrupt
The comparator interrupt is controlled by the two internal comparators. A comparator interrupt
request will take place when the comparator interrupt request flags, CP0F or CP1F, are set, a
situation that will occur when the comparator output changes state. To allow the program to branch
to its respective interrupt vector address, the global interrupt enable bit, EMI, and comparator
interrupt enable bits, CP0E and CP1E, must first be set. When the interrupt is enabled, the stack is
not full and the comparator inputs generate a comparator output transition, a subroutine call to the
comparator interrupt vector, will take place. When the interrupt is serviced, the external interrupt
request flags, will be automatically reset and the EMI bit will be automatically cleared to disable
other interrupts.
Multi-function Interrupt
Within these devices there are up to four Multi-function interrupts. Unlike the other independent
interrupts, these interrupts have no independent source, but rather are formed from other existing
interrupt sources, namely the TM Interrupts, SIM Interrupt, SPIA Interrupt, External Peripheral
Interrupt, LVD interrupt and EEPROM Interrupt.
A Multi-function interrupt request will take place when any of the Multi-function interrupt request
flags, MF0F~MF3F are set. The Multi-function interrupt flags will be set when any of their included
functions generate an interrupt request flag. To allow the program to branch to its respective
interrupt vector address, when the Multi-function interrupt is enabled and the stack is not full, and
either one of the interrupts contained within each of Multi-function interrupt occurs, a subroutine
call to one of the Multi-function interrupt vectors will take place. When the interrupt is serviced, the
related Multi-Function request flag, will be automatically reset and the EMI bit will be automatically
cleared to disable other interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com