Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 218 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 218 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 214Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 215Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 216Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 217Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 218Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 219Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 220Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 221Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 222Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 242 page
background image
Rev. 1.50
218
March 06 , 2012
Rev. 1.50
219
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
1 Frame
COM0
COM1
COM2
All segments are OFF
COM0 side segments are ON
COM1 side segments are ON
COM2 side segments are ON
(other combinations are omitted)
COM0, 1 side segments are ON
Normal Operation Mode
During Reset or LCD Off
COM0, COM1, COM2
All segment outputs
COM0, 2 side segments are ON
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
VA
VB
VC
VSS
All segments are ON
LCD Driver Output – Type B- 1/3 Duty, 1/3 Bias
Note: For 1/3 R type bias, the VA=VLCD, VB=VLCD×2/3 and VC=VLCD×1/3.
For 1/3 C type bias, VA=VLCD×1.5, VB=VLCD and VC=VLCD×1/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com