| Electronic Components Datasheet Search |
|
HT67F60 Datasheet(PDF) 185 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F60 Datasheet(HTML) 185 Page - Holtek Semiconductor Inc |
|
185 / 242 page ![]() HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM Rev. 1.50 184 March 06 , 2012 Rev. 1.50 185 March 06 , 2012 Interrupts Interrupts are an important part of any microcontroller system. When an external event or an internal function such as a Timer Module or an A/D converter requires microcontroller attention, their corresponding interrupt will enforce a temporary suspension of the main program allowing the microcontroller to direct attention to their respective needs. The device contains several external interrupt and internal interrupts functions. The external interrupts are generated by the action of the external INT0~INT3 and PINT pins, while the internal interrupts are generated by various internal functions such as the TMs, Comparators, Time Base, LVD, EEPROM, SIM, SPIA and the A/D converter. Interrupt Registers Overall interrupt control, which basically means the setting of request flags when certain microcontroller conditions occur and the setting of interrupt enable bits by the application program, is controlled by a series of registers, located in the Special Purpose Data Memory, as shown in the accompanying table. The number of registers depends upon the device chosen but fall into three categories. The first is the INTC0~INTC3 registers which setup the primary interrupts, the second is the MFI0~MFI3 registers which setup the Multi-function interrupts. Finally there is an INTEG register to setup the external interrupt trigger edge type. Each register contains a number of enable bits to enable or disable individual registers as well as interrupt flags to indicate the presence of an interrupt request. The naming convention of these follows a specific pattern. First is listed an abbreviated interrupt type, then the (optional) number of that interrupt followed by either an “E” for enable/disable bit or “F” for request flag. Function Enable Bit Request Flag Notes Global EMI — — Comparator CPnE CPnF n = 0 or 1 INTn Pin INTnE INTnF n = 0~3 A/D Converter ADE ADF — Multi-function MFnE MFnF n = 0~5 Time Base TBnE TBnF n = 0 or 1 SIM SIME SIMF — SPIA SPIAE SPIAF — LVD LVE LVF — EEPROM DEE DEF — PINT Pin XPE XPF — TM TnPE TnPF n = 0~3 — TnAE TnAF — — TnBE TnBF — Interrupt Register Bit Naming Conventions |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |