Electronic Components Datasheet Search
  English  ▼

X  

HT67F60 Datasheet(PDF) 184 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 184 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 180Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 181Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 182Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 183Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 184Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 185Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 186Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 187Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 188Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 242 page
background image
Rev. 1.50
184
March 06 , 2012
Rev. 1.50
185
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Peripheral Clock Output
The Peripheral Clock Output allows the device to supply external hardware with a clock signal
synchronised to the microcontroller clock.
Peripheral Clock Operation
As the peripheral clock output pin, PCK, is shared with I/O line, the required pin function is chosen via
PCKEN in the SIMC0 register. The Peripheral Clock function is controlled using the SIMC0 register.
The clock source for the Peripheral Clock Output can originate from either the TM0 CCRP match
frequency/2 or a divided ratio of the internal fSYS clock. The PCKEN bit in the SIMC0 register is the
overall on/off control, setting PCKEN bit to "1" enables the Peripheral Clock, setting PCKEN bit to "0"
disables it. The required division ratio of the system clock is selected using the PCKP1 and PCKP0 bits
in the same register. If the device enters the SLEEP Mode this will disable the Peripheral Clock output.
●
SIMC0 Register
Bit
7
6
5
4
3
2
1
0
Name
SIM2
SIM1
SIM0
PCKEN
PCKP1
PCKP0
SIMEN
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
POR
1
1
1
0
0
0
0
—
Bit 7~5
SIM2, SIM1, SIM0: SIM operating mode control
000: SPI master mode; SPI clock is fSYS/4
001: SPI master mode; SPI clock is fSYS/16
010: SPI master mode; SPI clock is fSYS/64
011: SPI master mode; SPI clock is fTBC
100: SPI master mode; SPI clock is TM0 CCRP match frequency/2
101: SPI slave mode
110: I2C slave mode
111: Unused mode
These bits setup the overall operating mode of the SIM function. As well as selecting
if the I2C or SPI function, they are used to control the SPI Master/Slave selection and
the SPI Master clock frequency. The SPI clock is a function of the system clock but
can also be chosen to be sourced from the TM0. If the SPI Slave Mode is selected then
the clock will be supplied by an external Master device.
Bit 4
PCKEN: PCK output pin control
0: Disable
1: Enable
Bit 3~2
PCKP1, PCKP0: select PCK output pin frequency
00: fSYS
01: fSYS/4
10: fSYS/8
11: TM0 CCRP match frequency/2
Bit 1
SIMEN: SIM control
0: Disable
1: Enable
The bit is the overall on/off control for the SIM interface. When the SIMEN bit is
cleared to zero to disable the SIM interface, the SDI, SDO, SCK and SCS, or SDA and
SCL lines will be in a floating condition and the SIM operating current will be reduced
to a minimum value. When the bit is high the SIM interface is enabled. The SIM
configuration option must have first enabled the SIM interface for this bit to be
effective. Note that when the SIMEN bit changes from low to high the contents of the
SPI control registers will be in an unknown condition and should therefore be first
initialised by the application program.
Bit 0
unimplemented, read as "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com