Electronic Components Datasheet Search
  English  ▼

X  

HT67F60 Datasheet(PDF) 180 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 180 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 176Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 177Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 178Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 179Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 180Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 181Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 182Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 183Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 184Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 242 page
background image
Rev. 1.50
180
March 06 , 2012
Rev. 1.50
181
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
There are several configuration options associated with the SPIA interface. One of these is to enable
the SPIA function which selects the SPIA pins rather than normal I/O pins. Note that if the
configuration option does not select the SPIA function then the SPIAEN bit in the SPIAC0 register
will have no effect. Another two SPIA configuration options determine if the SACSEN and
SAWCOL bits are to be used.
SPIA Registers
There are three internal registers which control the overall operation of the SPIA interface. These are
the SPIAD data register and two registers SPIAC0 and SPIAC1.
Register
Name
Bit
7
6
5
4
3
2
1
0
SPIAC0
SASPI2
SASPI1
SASPI0
—
—
—
SPIAEN
—
SPIAC1
—
—
SACKPOL SACKEG SAMLS SACSEN SAWCOL SATRF
SPIAD
D7
D6
D5
D4
D3
D2
D1
D0
SPIA Registers List
The SPIAD register is used to store the data being transmitted and received. Before the device writes
data to the SPI bus, the actual data to be transmitted must be placed in the SPIAD register. After the
data is received from the SPI bus, the device can read it from the SPIAD register. Any transmission
or reception of data from the SPI bus must be made via the SPIAD register.
●
SPIAD Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x” unknown
There are also two control registers for the SPIA interface, SPIAC0 and SPIAC1. Register SPIAC0
is used to control the enable/disable function and to set the data transmission clock frequency.
Register SPIAC1 is used for other control functions such as LSB/MSB selection, write collision flag
etc.
●
SPIAC0 Register
Bit
7
6
5
4
3
2
1
0
Name
SASPI2
SASPI1
SASPI0
—
—
—
SPIAEN
—
R/W
R/W
R/W
R/W
—
—
—
R/W
—
POR
1
1
1
0
0
0
0
0
Bit 7~5
SASPI2~SASPI0: Master/Slave Clock Select
000 : SPIA master, fSYS/4
001 : SPIA master, fSYS/16
010 : SPIA master, fSYS/64
011 : SPIA master, fSUB
100 : SPIA master, TP0 CCRP match frequency/2 (PFD)
101 : SPIA slave
Bit 4~2
Unimplemented, read as “0”
Bit 1
SPIAEN: SPIA enable or disable
0: Disable
1: Enable
Bit 0
Unimplemented, read as “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com