Electronic Components Datasheet Search
  English  ▼

X  

SC5010 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 5 Page - Semtech Corporation

  SC5010 Datasheet HTML 1Page - Semtech Corporation SC5010 Datasheet HTML 2Page - Semtech Corporation SC5010 Datasheet HTML 3Page - Semtech Corporation SC5010 Datasheet HTML 4Page - Semtech Corporation SC5010 Datasheet HTML 5Page - Semtech Corporation SC5010 Datasheet HTML 6Page - Semtech Corporation SC5010 Datasheet HTML 7Page - Semtech Corporation SC5010 Datasheet HTML 8Page - Semtech Corporation SC5010 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
SC5010
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Current Sink (IO1 to IO8)
IOx Dimming Minimum Pulse Width
T
PWM(MIN)
F
PWM(LED)
= 100Hz - 30kHz
300
ns
ISET pin voltage
V
ISET
1.23
V
Regulation Voltage
V
IOn(REG)
Voltage of Regulating String
0.6
V
Current Sink Disable Threshold
V
IOn(DIS)
Checked at Power-up
0.6
V
Current Sink Rise/Fall Time (1)
t
RISE/FALL
R
ising edge from 10% to 90% of I
O(n)
25
ns
LED Current Accuracy
I
On(ACC%)
PWMI = 100%, T
A
= +25°C
19.7
20
20.3
mA
LED Current Matching (2)
I
On(MATCH)
PWMI = 100%, T
A
= +25 °C
±1
%
PWMI = 100%, T
A
= -40 °C to +85 °C
±2
%
I
On
Off Leakage Current
I
On(LEAK)
PWMI = 0V, EN = 0V, V
IO1
~ V
IO8
= 25V
0.1
1
μA
IO Switching Frequency
F
PWM(IO)
FAST_FREQ = 0
10
kHz
FAST_FREQ = 1 (Default Setting)
20
Phase Delay Time between IO Pins
(IO1 to IO8)
t
PD
FAST_FREQ = 1 (default setting)
t
PD
= (1/8)*(1/F
PWM(IO)
), 8 Strings On
6.25
μs
PWM Output Resolution
F
PWM(IO)
= 10kHz
10
bits
F
PWM(IO)
= 20kHz
9
Fault Protection
LED Short Circuit Protection Threshold
V
IOn(SCP)
R
4
and R
5
(3)
17xV
SCP
20xV
SCP
23xV
SCP
V
LED Open Circuit Protection Threshold
V
IO_OCP
0.2
V
LED Short Circuit Fault Delay
t
SCP(DELAY)
V
OVP
set to 1.5V, FLT goes low
1
μs
FLT Pin Leakage Current
I
FLT(LEAK)
V
EN
= 0V, V
FLT
= 5.0V
-1
1
μA
FLT Output Low
V
FLT(LOW)
-5mA from FLT to V
CC
0.3
V
Over-Temperature Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com