Electronic Components Datasheet Search
  English  ▼

X  

SC5010 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 12Page - Semtech Corporation SC5010 Datasheet HTML 13Page - Semtech Corporation SC5010 Datasheet HTML 14Page - Semtech Corporation SC5010 Datasheet HTML 15Page - Semtech Corporation SC5010 Datasheet HTML 16Page - Semtech Corporation SC5010 Datasheet HTML 17Page - Semtech Corporation SC5010 Datasheet HTML 18Page - Semtech Corporation SC5010 Datasheet HTML 19Page - Semtech Corporation SC5010 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
SC5010
16
Applications Information (continued)
Boost Converter Operation
The SC5010 includes a boost controller with programma-
ble switching frequency. It applies current-mode control
method with integrated compensation loop. The clock
(see block diagram) from the oscillator sets the latch and
turns on the external power MOSFET, which serves as the
main power switch. The current flowing through this
switch is sensed by the current sense resistor in series
with the switch. The sensed switch current is summed
with the slope-compensated ramp and fed into the mod-
ulating input of the PWM comparator. When the modulat-
ing ramp intersects the error amplifier output (COMP),
the latch is reset and the power MOSFET is turned off. The
sense resistor also sets the peak current limit of the power
MOSFET, I
OCP
using the following equation:
I
OCP[A] = 0.4 / RCS [Ω]
The current-mode control system contains two loops. For
the inner current loop, the Error Amplifier (EA) output
(COMP) controls the peak inductor current. In the outer
loop, the EA regulates the output voltage for driving the
LED strings.
Boost Converter Switching Frequency Selection
The resistor between FSET and GND sets the boost con-
verter switching frequency (200kHz to 2.2MHz) using the
following equation:
f
SW
[kHz] = 105/ R
FSET
[kΩ]
Higher switching frequency allows the use of low profile
height inductor for space-constrained and cost-sensitive
applications.
Over-Voltage Protection (OVP)
SC5010 features programmable output over-voltage pro-
tection preventing damage to the IC and output capacitor
in the event of LED string open-circuit. The boost converter
output voltage is sensed at the OVP pin through resistor
voltage divider. The OVP trip threshold (refer to detailed
application circuit on page 21) can be calculated using the
following equation.
Output OVP Trip Voltage [V] = 1.2 X (R
11
+ R
10
) / R
10
When the OVP pin voltage exceeds 1.2V, the boost con-
verter turns off and the FLT pin is pulled low. When the
OVP pin voltage falls below the OVP threshold (falling),
the boost converter restarts and the FLT pin is released.
There is 10mV hysteresis between OVP pin threshold
(falling) and OVP pin threshold (rising). This results in an
output voltage hysteresis given by:
Output OVP Hysteresis[mV] = 10 X (R
11
+ R
10
) / R
10
LED Current Sink
The SC5010 provides 8 current sinks and each can sink up
to 30mA current. It incorporates LED string short-circuit
protection (trip level programmable and can be disabled
as well), LED string open-circuit protection.
LED String Peak Current Programming
LED string peak current (at 100% dimming) can be set by
selecting resistor R
ISET
, connected between ISET and GND.
The relationship between R
ISET
resistance and single LED
string peak current is calculated using the following
equation:
I
LED
[mA] = (1055 X 1.23) / R
ISET
[kΩ]
The LED string current can be programmed up to 30mA.
Unused Strings
The SC5010 may be operated with less than 8 strings. In
this mode of operation, all unused IO pins should be con-
nected to ground. During startup, these unused strings are
detected and disabled while other active strings work
normally.
LED Short-Circuit Protection (SCP)
SC5010 features a programmable LED short protection.
This allows the part to be customized based on the LED V
F
mismatches between the LED strings. If one or more LEDs
are detected as short-circuited, the corresponding string
will be latched off. The voltages on all IO pins are monitored
to check if any IO pin exceeds the SCP trip point (The IO
voltage for LED string with faulty short-circuit LED(s) will be
higher than other normal IO pin voltages). This LED Short-
Circuit Protection (SCP) trip level (see detailed application
circuit on page 21) is given by the following equation.
V
SCP_Trip [V] = 20 X (1.23 X R4) / (R4 + R5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com