Electronic Components Datasheet Search
  English  ▼

X  

SC5010 Datasheet(PDF) 26 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 26 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 22Page - Semtech Corporation SC5010 Datasheet HTML 23Page - Semtech Corporation SC5010 Datasheet HTML 24Page - Semtech Corporation SC5010 Datasheet HTML 25Page - Semtech Corporation SC5010 Datasheet HTML 26Page - Semtech Corporation SC5010 Datasheet HTML 27Page - Semtech Corporation SC5010 Datasheet HTML 28Page - Semtech Corporation SC5010 Datasheet HTML 29Page - Semtech Corporation SC5010 Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
SC5010
26
Components Selection (continued)
Current Sensing Resistor Selection
The switch current is sensed via the current sensing resis-
tor, R
SNS
. The sensed voltage at this pin is used to set the
peak switch current limit and also used for steady state
regulation of the inductor current. The current limit com-
parator has a trip voltage of 0.4V. R
SNS
value is chosen to
set the peak inductor and switch current using the follow-
ing equation.
I
SW(Peak) = 0.4/RSNS
The power dissipation in R
SNS
can be calculated using the
following equations.
P
R_SNS = IRMS
2
x R
SNS
I
RMS = D x [IO/(1-D)]
2
I
O = Output DC Current, D = Duty Cycle
For the typical application circuit shown in the Detailed
Application Circuit (page 21), the power dissipation on the
sensing resistor is shown by the following equations.
Assuming V
IN
(Min) = 5V and V
OUT
= 30V, thus D = 84%,
P
R_SNS = [(0.12/0.16)
2
X 0.1] X 0.84 = 0.047(W)
For this example, a 0.1 Ω 1% thick-film chip resistor rated
at 0.125W can be used.
PLL Filter Component Selection
The Detailed Application Circuit on page 21 shows the
optimal R/C filter components for the PLL compensation.
These are optimized for internal 1MHz switching fre-
quency. Please contact Semtech application group if a
different switching frequency is selected.
Isolation MOSFET Selection
The external p-channel MOSFET provides load disconnec-
tion during shutdown or fault condition. Select a MOSFET
with low R
DS(on)
to limit the power loss.
In order to implement inrush current limiting, a 10nF
capacitor is connected between the gate and source ter-
minal of the MOSFET.
If isolation is not required, then the DRVP pin can be left
floating. Connect the VIN directly to the inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com