Electronic Components Datasheet Search
  English  ▼

X  

SC5010 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 5Page - Semtech Corporation SC5010 Datasheet HTML 6Page - Semtech Corporation SC5010 Datasheet HTML 7Page - Semtech Corporation SC5010 Datasheet HTML 8Page - Semtech Corporation SC5010 Datasheet HTML 9Page - Semtech Corporation SC5010 Datasheet HTML 10Page - Semtech Corporation SC5010 Datasheet HTML 11Page - Semtech Corporation SC5010 Datasheet HTML 12Page - Semtech Corporation SC5010 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
SC5010
9
Typical Characteristics (continued)
LED Current Fade In/Out (Logarithmic)
LED Current Fade In/Out (Linear)
Line Transient Response
LED Open Circuit Protection
Load Transient Response
Time (100μs/div)
V_PWMI
5V/div.
PWMI (10kHz) = 2% to 98%, V
IN
= 10.6V, 20mA/String X 6
Fading disabled
V
O
(ac coupled)
100mV/div.
I
O_LED
(total)
50mA/div.
Load Transient Response
Time (100μs/div)
V_PWMI
5V/div.
V
O
(ac coupled)
100mV/div.
I
O_LED
(total)
50mA/div.
100% Dimming, 30mA/String X 8
V
IN
10V/div.
V
LX
50V/div.
I
O_LED
(total)
200mA/div.
I
L
2A/div.
Time (2μs/div)
8V
20V
FLT
5V/div.
V
EN
5V/div.
I
O_LED
(total)
200mA/div.
V
OUT
20V/div.
Starting with one LED string open-circuit
Time (20ms/div)
Time (40ms/div)
PWMI
5V/div.
V
IO1
5V/div.
I
O_LED
(total)
100mA/div.
V
OUT
20V/div.
Time (40ms/div)
PWMI
5V/div.
V
IO1
5V/div.
I
O_LED
(total)
100mA/div.
V
OUT
20V/div.
PWMI (10kHz) = 98% to 2%, V
IN
= 10.6V, 20mA/String X 6
Fading disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com