Electronic Components Datasheet Search
  English  ▼

X  

SC5010 Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC5010
Description  High Effi ciency 8-Channel LED Driver with I2C Interface and Phase-Shifted PWM Dimming
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC5010 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC5010 Datasheet HTML 21Page - Semtech Corporation SC5010 Datasheet HTML 22Page - Semtech Corporation SC5010 Datasheet HTML 23Page - Semtech Corporation SC5010 Datasheet HTML 24Page - Semtech Corporation SC5010 Datasheet HTML 25Page - Semtech Corporation SC5010 Datasheet HTML 26Page - Semtech Corporation SC5010 Datasheet HTML 27Page - Semtech Corporation SC5010 Datasheet HTML 28Page - Semtech Corporation SC5010 Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
SC5010
25
Components Selection (continued)
160mA, and 1x 10μF or 2x 4.7μF
capacitors are
recommended.
During load transient, the output capacitor supplies or
absorbs additional current before the inductor current
reaches its steady state value. Larger capacitance helps
with the overshoot/undershoots during load transient
and loop stability. Recommended ceramic capacitor
manufacturers are listed in Table 4.
Table 4 — Recommended Ceramic Capacitor Vendors
Vendor
Web site
Kemet
www.kemet.com
Vishay
www.vishay.com
TDK
www.tdk.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Input Capacitor Selection
X5R or X7R ceramic capacitor is recommended for input
bypass capacitor. A 1μF capacitor is sufficient for the VCC
input. Bypass the VIN input with a 4.7μF or larger ceramic
capacitor.
Output Freewheeling Diode Selection
Schottky diodes are the ideal choice for SC5010 due to
their low forward voltage drop and fast switching speed.
Table 5 shows several different Schottky diodes that work
properly with the SC5010. Verify that the diode has a
voltage rating greater than the maximum possible output
voltage. The diode conducts current only when the power
switch is turned off. The diode must be rated to handle the
average output current. A diode rated for 1A average
current will be sufficient for most designs.
Table 5 — Recommended Rectifier Diodes
Rectifier Diode
Vendor Web site
DFLS140
www.diodes.com
1N5819HW
www.diodes.com
SS13/14/15/16, SS23/24/25/26
www.vishay.com
External Power MOSFET Selection
The boost converter in SC5010 uses an external power
MOSFET to regulate the output voltage and output power
to drive LED loads. This boost switching structure has an
advantage in that the SC5010 is not exposed to high
voltage. Only the external power MOSFET, freewheeling
diode and the inductor will be exposed to the output
voltage. The external power MOSFET should be selected
with its voltage rating higher than the output voltage by
minimum 30%. The current rating should be enough to
handle the inductor peak current. Low R
DS
(on) MOSFETs
are preferred for achieving better efficiency.
The GD (gate driver) on SC5010 provides 1A (peak) current
driving capability which is suitable for most MOSFETs for
high frequency operation. The average current required to
drive the MOSFET is given by the following equation.
I
GATE = QG x fSW
Q
G — Gate charge
The R
DS(ON)
and its RMS current I
S_RMS
of the power MOSFET
will generate the conduction loss using the following
equation.
P
COND = IS_RMS
2
x R
DS(on)
The MOSFET’s switch loss can be calculated using the fol-
lowing equation.
P
SW = ½ x VIN x IL_PEAK x fSW x (TON + TOFF)
Where T
ON and TOFF are the MOSFET’s on and off time
and they can be estimated by the following
equations.
Where t
r
, t
f
, Q
gd
and V
plateau
can usually be found from data-
sheet of the selected MOSFET. R
g
is the resistance of the
optional resistor connected in series on the gate of the
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com