Electronic Components Datasheet Search
  English  ▼

X  

C504 Datasheet(PDF) 49 Page - Siemens Semiconductor Group

Part # C504
Description  8-Bit CMOS Microcontroller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C504 Datasheet(HTML) 49 Page - Siemens Semiconductor Group

Back Button C504 Datasheet HTML 41Page - Siemens Semiconductor Group C504 Datasheet HTML 42Page - Siemens Semiconductor Group C504 Datasheet HTML 43Page - Siemens Semiconductor Group C504 Datasheet HTML 44Page - Siemens Semiconductor Group C504 Datasheet HTML 45Page - Siemens Semiconductor Group C504 Datasheet HTML 46Page - Siemens Semiconductor Group C504 Datasheet HTML 47Page - Siemens Semiconductor Group C504 Datasheet HTML 48Page - Siemens Semiconductor Group C504 Datasheet HTML 49Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
Semiconductor Group
49
C504
Figure 21
AC Testing: Input, Output Waveforms
Figure 22
AC Testing : Float Waveforms
Figure 23
Recommended Oscillator Circuits for Crystal Oscillator
AC Inputs during testing are driven at
V
CC – 0.5 V for a logic ’1’ and 0.45 V for a logic ’0’.
Timing measurements are made at
V
IHmin for a logic ’1’ and VILmax for a logic ’0’.
For timing purposes a port pin is no longer floating when a 100 mV change from load voltage
occurs and begins to float when a 100 mV change from the loaded
V
OH/VOL level occurs.
I
OL/IOH ≥± 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com