Electronic Components Datasheet Search
  English  ▼

X  

C504 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # C504
Description  8-Bit CMOS Microcontroller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C504 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  C504 Datasheet HTML 1Page - Siemens Semiconductor Group C504 Datasheet HTML 2Page - Siemens Semiconductor Group C504 Datasheet HTML 3Page - Siemens Semiconductor Group C504 Datasheet HTML 4Page - Siemens Semiconductor Group C504 Datasheet HTML 5Page - Siemens Semiconductor Group C504 Datasheet HTML 6Page - Siemens Semiconductor Group C504 Datasheet HTML 7Page - Siemens Semiconductor Group C504 Datasheet HTML 8Page - Siemens Semiconductor Group C504 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
C504
Semiconductor Group
4
The C504 with its capture compare unit (CCU) especially provides a functionality, which allows to
use the microcontroller in motor control applications. Further, the C504 is functionally upward
compatible with the SAB 80C52/C501 microcontroller and can replace it in existing applications.
The C504-2R contains a non-volatile 16K
×8 read-only program memory, a volatile on-chip 512×8
read/write data memory, four 8-bit wide ports, three 16-bit timers/counters, a 16-bit capture/
compare unit with compare timer, a 10-bit compare timer, a twelve source, two priority level interrupt
structure, a serial port, versatile fail save mechanisms, on-chip emulation support logic, and a
genuine 10-bit A/D converter. The C504-L is identical to the C504-2R, except that it lacks the
program memory on chip. Therefore, the term C504 refers to all versions within this data sheet
unless otherwise noted.
Note: Versions for extended temperature ranges – 40 ˚C to 110 ˚C (SAH-C504) and – 40 ˚C to
125 ˚C (SAK-C504) are available on request.
The ordering number of ROM types (DXXXX extensions) is defined after program release
(verification) of the customer.
Ordering Information
Type
Ordering Code
Package
Description
(8-Bit CMOS microcontroller)
SAB-C504-LM
Q67120-C1048
P-MQFP-44 for external memory (12 MHz)
SAB-C504-L24M
Q67120-C1049
P-MQFP-44 for external memory (24 MHz)
SAB-C504-L40M
Q67120-C1050
P-MQFP-44 for external memory (40 MHz)
SAB-C504-2RM
Q67120-DXXXX
P-MQFP-44 with mask-programmable ROM (12 MHz)
SAB-C504-2R24M
Q67120-DXXXX
P-MQFP-44 with mask-programmable ROM (24 MHz)
SAB-C504-2R40M
Q67120-DXXXX
P-MQFP-44 with mask-programmable ROM (40 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com