Electronic Components Datasheet Search
  English  ▼

X  

C504 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # C504
Description  8-Bit CMOS Microcontroller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C504 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button C504 Datasheet HTML 5Page - Siemens Semiconductor Group C504 Datasheet HTML 6Page - Siemens Semiconductor Group C504 Datasheet HTML 7Page - Siemens Semiconductor Group C504 Datasheet HTML 8Page - Siemens Semiconductor Group C504 Datasheet HTML 9Page - Siemens Semiconductor Group C504 Datasheet HTML 10Page - Siemens Semiconductor Group C504 Datasheet HTML 11Page - Siemens Semiconductor Group C504 Datasheet HTML 12Page - Siemens Semiconductor Group C504 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Semiconductor Group
9
C504
XTAL2
14
–
XTAL2
Output of the inverting oscillator amplifier.
XTAL1
15
–
XTAL1
Input to the inverting oscillator amplifier and input to the
internal clock generator circuits.
To drive the device from an external clock source, XTAL1
should be driven, while XTAL2 is left unconnected. There
are no requirements on the duty cycle of the external clock
signal, since the input to the internal clocking circuitry is
divided down by a divide-by-two flip-flop. Minimum and
maximum high and low times as well as rise/fall times
specified in the AC characteristics must be observed.
P2.0-P2.7
18-25
I/O
Port 2
is a bidirectional I/O port with internal pullup resistors. Port
2 pins that have 1s written to them are pulled high by the
internal pullup resistors, and in that state can be used as
inputs. As inputs, port 2 pins being externally pulled low
will source current (
I
IL, in the DC characteris-tics) because
of the internal pullup resistors. Port 2 emits the high-order
address byte during fetches from external program
memory and during accesses to external data memory that
use 16-bit addresses (MOVX @DPTR). In this application
it uses strong internal pullup resistors when issuing 1s.
During accesses to external data memory that use 8-bit
addresses (MOVX @Ri), port 2 issues the contents of the
P2 special function register.
PSEN
26
O
The Program Store Enable
output is a control signal that enables the external program
memory to the bus during external fetch operations. It is
activated every six oscillator periodes except during
external data memory accesses. Remains high during
internal program execution.
ALE
27
O
The Address Latch Enable
output is used for latching the low-byte of the address into
external memory during normal operation. It is activated
every six oscillator periodes except during an external data
memory access. When instructions are executed from
internal ROM (EA=1) the ALE generation can be disabled
by bit EALE in SFR SYSCON.
*)
I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
(P-MQFP-44)
I/O
*)
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com