Electronic Components Datasheet Search
  English  ▼

X  

C504 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # C504
Description  8-Bit CMOS Microcontroller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C504 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  C504 Datasheet HTML 1Page - Siemens Semiconductor Group C504 Datasheet HTML 2Page - Siemens Semiconductor Group C504 Datasheet HTML 3Page - Siemens Semiconductor Group C504 Datasheet HTML 4Page - Siemens Semiconductor Group C504 Datasheet HTML 5Page - Siemens Semiconductor Group C504 Datasheet HTML 6Page - Siemens Semiconductor Group C504 Datasheet HTML 7Page - Siemens Semiconductor Group C504 Datasheet HTML 8Page - Siemens Semiconductor Group C504 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
8-Bit CMOS Microcontroller
C504
Advance Information
Semiconductor Group
3
05.96
• Fully compatible to standard 8051 microcontroller
• Up to 40 MHz operating frequency
• 16 K
×8 ROM (C504-2R only, optional ROM protection)
• 256
×8 RAM
• 256
×8 XRAM
• Four 8-bit ports, (2 ports with mixed analog/digital I/O capability)
• Three 16-bit timers/counters (timer 2 with up/down counter feature)
• Capture/compare unit for PWM signal generation and signal capturing
- 3-channel, 16-bit capture/compare unit
- 1-channel, 10-bit compare unit
• Compare unit
• USART
• 10-bit A/D Converter with 8 multiplexed inputs
• Twelve interrupt sources with two priority levels
• On-chip emulation support logic (Enhanced Hooks Technology TM)
• Programmable 15-bit Watchdog Timer
• Oscillator Watchdog
• Fast Power On Reset
• Power Saving Modes
• M-QFP-44 package
• Temperature ranges: SAB-C504
T
A :
0 to 70
°C
SAF-C504
T
A : – 40 to 85°C
SAH-C504
T
A : – 40 to 110°C
(max. operating frequency.: TBD)
SAK-C504
T
A : – 40 to 125°C
(max. operating frequency.: 12 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com