Electronic Components Datasheet Search
  English  ▼

X  

C504 Datasheet(PDF) 39 Page - Siemens Semiconductor Group

Part # C504
Description  8-Bit CMOS Microcontroller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C504 Datasheet(HTML) 39 Page - Siemens Semiconductor Group

Back Button C504 Datasheet HTML 35Page - Siemens Semiconductor Group C504 Datasheet HTML 36Page - Siemens Semiconductor Group C504 Datasheet HTML 37Page - Siemens Semiconductor Group C504 Datasheet HTML 38Page - Siemens Semiconductor Group C504 Datasheet HTML 39Page - Siemens Semiconductor Group C504 Datasheet HTML 40Page - Siemens Semiconductor Group C504 Datasheet HTML 41Page - Siemens Semiconductor Group C504 Datasheet HTML 42Page - Siemens Semiconductor Group C504 Datasheet HTML 43Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Semiconductor Group
39
C504
AC Characteristics for C504-L / C504-2R
V
CC = 5 V + 10%, – 15%; VSS =0V
T
A = 0 to 70 °C
for the SAB-C504
T
A = – 40 to 85 °C
for the SAF-C504
T
A = – 40 to 110 °C
for the SAH-C504
T
A = – 40 to 125 °C
for the SAK-C504
(
C
L for port 0, ALE and PSEN outputs = 100 pF; CL for all other outputs = 80 pF)
Program Memory Characteristics
*)
Interfacing the C504 to devices with float times up to 75 ns is permissible. This limited bus contention will not
cause any damage to port 0 drivers.
Parameter
Symbol
Limit Values
Unit
12-MHz clock
Variable Clock
1/
t
CLCL = 3.5 MHz to
12 MHz
min.
max.
min.
max.
ALE pulse width
t
LHLL
127
–
2
t
CLCL –40
–
ns
Address setup to ALE
t
AVLL
43
–
t
CLCL –40
–
ns
Address hold after ALE
t
LLAX
30
–
t
CLCL –23
–
ns
ALE low to valid instr in
t
LLIV
–
233
–
4
t
CLCL – 100
ns
ALE to PSEN
t
LLPL
58
–
t
CLCL –25
–
ns
PSEN pulse width
t
PLPH
215
–
3
t
CLCL –35
–
ns
PSEN to valid instr in
t
PLIV
–
150
–
3
t
CLCL – 100
ns
Input instruction hold after PSEN
t
PXIX
0
–
0–ns
Input instruction float after PSEN
t
PXIZ
*)
–63
–
t
CLCL –20
ns
Address valid after PSEN
t
PXAV
*)
75
–
t
CLCL –8
–
ns
Address to valid instr in
t
AVIV
–
302
–
5
t
CLCL – 115
ns
Address float to PSEN
t
AZPL
0
–
0–ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com