Electronic Components Datasheet Search
  English  ▼

X  

C504 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # C504
Description  8-Bit CMOS Microcontroller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C504 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button C504 Datasheet HTML 9Page - Siemens Semiconductor Group C504 Datasheet HTML 10Page - Siemens Semiconductor Group C504 Datasheet HTML 11Page - Siemens Semiconductor Group C504 Datasheet HTML 12Page - Siemens Semiconductor Group C504 Datasheet HTML 13Page - Siemens Semiconductor Group C504 Datasheet HTML 14Page - Siemens Semiconductor Group C504 Datasheet HTML 15Page - Siemens Semiconductor Group C504 Datasheet HTML 16Page - Siemens Semiconductor Group C504 Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
Semiconductor Group
13
C504
Memory Organization
The C504 CPU manipulates operands in the following four address spaces:
– up to 64 Kbyte of external program memory
– up to 64 Kbyte of external data memory
– 256 bytes of internal data memory
– 256 bytes of internal XRAM data memory
– a 128 byte special function register area
Figure 4 illustrates the memory address spaces of the C504.
Figure 4
C504 Memory Map
The XRAM in the C504 is a memory area that is logically located at the upper end of the external
memory space, but is integrated on the chip. Because the XRAM is used in the same way as
external data memory the same instruction types (MOVX instructions) must be used for accessing
the XRAM. The XRAM can be enabled and disabled by the XMAP bit in the SYSCON register.
ROM Protection
The C504-2R ROM version allows to protect the content of the internal ROM against read out by
non authorized people. The type of ROM protection (protected or unprotected) is fixed with the
ROM mask. Therefore, the customer of a C504-2R ROM version has to define whether ROM
protection has to be selected or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com