Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 3Page - Micrel Semiconductor MICRF506 Datasheet HTML 4Page - Micrel Semiconductor MICRF506 Datasheet HTML 5Page - Micrel Semiconductor MICRF506 Datasheet HTML 6Page - Micrel Semiconductor MICRF506 Datasheet HTML 7Page - Micrel Semiconductor MICRF506 Datasheet HTML 8Page - Micrel Semiconductor MICRF506 Datasheet HTML 9Page - Micrel Semiconductor MICRF506 Datasheet HTML 10Page - Micrel Semiconductor MICRF506 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Micrel
MICRF506BML/YML
July 2006
7
M9999-092904
+1 408-944-0800
Symbol
Parameter
Condition
Min
Typ
Max
Units
38.4kbps,
β = 2, 20dBc
140
kHz
125kbps,
β = 2, 20dBc
550
kHz
Occupied bandwidth
(5)
200kbps,
β = 2, 20dBc
800
kHz
Harmonics 434MHz
(5)
-36
dBm
Spurious Emission in Restricted
bands < 1GHz
(5)
-54
dBm
Spurious Emission < 1GHz
(5)
-36
dBm
Spurious Emission > 1GHz
(5)
ETSI EN300 220
(Using antenna matching network)
-30
dBm
Receive Section
All functions turned on
12
mA
LNA bypass
10.3
mA
Switch cap filter bypass with LNA
9.8
mA
Rx Current Consumption
Bypass of Switch cap and LNA
8.0
mA
Rx Current Consumption Variation
Over temperature
3
mA
2.4kbps,
β = 16, BER 10-3
-113
dBm
4.8kbps,
β = 16, BER 10-3
-111
dBm
19.2kbps,
β = 4, BER 10-3
-106
dBm
38.4kbps,
β = 4, BER 10-3
-104
dBm
76.8kbps,
β = 2, BER 10-3
-101
dBm
125kbps,
β = 2, BER 10-3
-100
dBm
Receiver Sensitivity
200kbps,
β = 2, BER 10-3
-97
dBm
125kbps, 125kHz deviation
+12
dBm
Receiver Maximum Input Power
20kbps, 40kHz deviation
+2
dBm
Over temperature
4
dB
Receiver Sensitivity Tolerance
Over power supply range
1
dB
Receiver Bandwidth
50
350
kHz
Co-Channel Rejection
19.2 kbps,
β = 6, SC=133 kHz
-8
dB
500kHz spacing, 19.2kbps, Main
filter cut off frequency 133kHz
48
dB
Adjacent Channel Rejection
1MHz ,19.2kbps, Main filter cut off
frequency 133kHz
56
dB
Offset ±1MHz
61
dB
Offset ±2MHz
58
dB
Offset ±5MHz
46
dB
Offset ±10MHz
62
dB
Blocking
Desired signal:
19.2 kbps,
β =6,
3dB above sens,
SC=133 kHz
Offset ±30MHz
75
dB
1dB Compression
-34
dBm
Input IP3
2 tones with 1MHz separation
-25
dBm
LO Leakage
-90
dBm
<1GHz, EN 300 220
-57
dBm
Spurious Emission
(5)
>1GHz, EN 300 220
-47
dBm
Input Impedance
(5)
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com