Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 41 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 41 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 34Page - Micrel Semiconductor MICRF506 Datasheet HTML 35Page - Micrel Semiconductor MICRF506 Datasheet HTML 36Page - Micrel Semiconductor MICRF506 Datasheet HTML 37Page - Micrel Semiconductor MICRF506 Datasheet HTML 38Page - Micrel Semiconductor MICRF506 Datasheet HTML 39Page - Micrel Semiconductor MICRF506 Datasheet HTML 40Page - Micrel Semiconductor MICRF506 Datasheet HTML 41Page - Micrel Semiconductor MICRF506 Datasheet HTML 42Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Micrel
MICRF506BML/YML
July 2006
41
M9999-092904
+1 408-944-0800
Table 6: Power amplifier bit
PA2
PA1
PA0
State
0
0
0
21dB attenuation/PA off
0
0
1
18dB attenuation
0
1
0
15dB attenuation
0
1
1
12dB attenuation
1
0
0
9dB attenuation
1
0
1
6dB attenuation
1
1
0
3dB attenuation
1
1
1
Max output
PALDc_en
0
PA is turned off by PA2=PA1=PA0=0
1
PA is turned on/off by Lock Detect, LD=1 -> PA on
PA2=PA1=PA0=0 now gives 21dB attenuation
PA_By
0
Power Amplifier enabled
1
Power Amplifier bypassed, approx 20dB reduced output power.
Table 7:Generation of Bitrate_clk, BitSync_clk and Mod_clk.
BitRate_clk
BitSync_clk
Mod_clk
Clock frequency
(F is crystal frequency, K
is RefClk integer)
S2
S1
S0
0
0
0
F/(64K)
0
0
1
F/(32K)
0
1
0
F/(16K)
0
1
1
F/(8K)
1
0
0
F/(4K)
1
0
1
F/(2K)
1
1
0
F/K (*)
1
1
1
F (*)
(*) Can not be used as BitRate_clk.
Table 8: Test signals
OutS3 OutS2 OutS1 OutS0
IchOut
QchOut
Ichout2 / RSSI
QchOut2 / NC
0
0
0
0
Gnd
Gnd
Gnd
Gnd
0
0
0
1
Ip mixer
In mixer
Ip IFamp
In IFamp
0
0
1
0
Qp mixer
Qn mixer
Qp IFamp
Qn IFamp
0
0
1
1
Ip IFamp
In IFamp
Ip SC-filter
In SC-filter
0
1
0
0
Qp IFamp
Qn IFamp
Qp SC-filter
Qn SC-filter
0
1
0
1
Ip SC-filter
In SC-filter
Gnd
I limiter
0
1
1
0
Qp SC-filter
Qn SC-filter
Gnd
Q limiter
0
1
1
1
Ip mixer
In mixer
Ip SC-filter
In SC-filter
1
0
0
0
Qp mixer
Qn mixer
Qp SC-filter
Qn SC-filter
1
0
0
1
Ip mixer
In mixer
Gnd
I limiter
1
0
1
0
Qp mixer
Qn mixer
Gnd
Q limiter
1
0
1
1
Ip mixer
Qp mixer
ModIn
PrescalMode
1
1
0
0
Ip IFamp
Qp IFamp
TI1
TQ1
1
1
0
1
Ip SC-filter
Qp SC-filter
DemodUp
DemodDn
1
1
1
0
I limiter
Q limiter
Demod
MAout
1
1
1
1
N-div
M-div
Phi1n
Phi2n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com