Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 36 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 36 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 32Page - Micrel Semiconductor MICRF506 Datasheet HTML 33Page - Micrel Semiconductor MICRF506 Datasheet HTML 34Page - Micrel Semiconductor MICRF506 Datasheet HTML 35Page - Micrel Semiconductor MICRF506 Datasheet HTML 36Page - Micrel Semiconductor MICRF506 Datasheet HTML 37Page - Micrel Semiconductor MICRF506 Datasheet HTML 38Page - Micrel Semiconductor MICRF506 Datasheet HTML 39Page - Micrel Semiconductor MICRF506 Datasheet HTML 40Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Micrel
MICRF506BML/YML
July 2006
36
M9999-092904
+1 408-944-0800
2
LD_en
Lock detect function (1=enable)
1
PF_FC1
Prefilter corner frequency 2.bit
Ref. Table 5
0
PF_FC0
Prefilter corner frequency 1.bit
Ref. Table 5
0000010
7
CP_HI
High charge-pump current (0=125uA, 1=500uA)
6
SC_by
Bypass of Switched Capacitor filter (1=enable)
5
VCO_by
“0” mandatory. Bypass of VCO (1=enable)
4
PA_by
Bypass of PA (1=enable)
3
OUTS3
Test pins output 4.bit
Ref. Table 8
2
OUTS2
Test pins output 3.bit
Ref. Table 8
1
OUTS1
Test pins output 2.bit
Ref. Table 8
0
OUTS0
Test pins output 1.bit
Ref. Table 8
0000011
7
IFBias_s
“1” mandatory.
6
IFA_HG
“1” mandatory. High gain setting in preamplifier
5
VCO_Bias_s
“0” mandatory. Select separate bias for VCO on
VCOBias pin (1=enable)
4
VCO_IB2
VCO bias current setting, 3. bit (111 = highest current)
3
VCO_IB1
VCO bias current setting, 2. bit
2
VCO_IB0
VCO bias current setting, 1. bit
1
VCO_freq1
Frequency setting of VCO, 2. bit (11=highest frequency)
0
VCO_freq0
Frequency setting of VCO, 1.bit
0000100
7
Mod_F2
Modulator filter setting, MSB (0=filter active)
6
Mod_F1
Modulator filter setting
5
Mod_F0
Modulator filter setting, LSB
4
Mod_I4
Modulator current setting, MSB
3
Mod_I3
Modulator current setting
2
Mod_I2
Modulator current setting
1
Mod_I1
Modulator current setting
0
Mod_I0
Modulator current setting, LSB
0000101
7
---------
Reserved/not in use
6
---------
Reserved/not in use
5
Mod_FHG
“0” mandatory. Modulator Test bit.
4
Mod_shape
“1” mandatory. Modulator shape enable
3
Mod_A3
Modulator attenuator setting, MSB (1=attenuator active)
2
Mod_A2
Modulator attenuator setting
1
Mod_A1
Modulator attenuator setting
0
Mod_A0
Modulator attenuator setting, LSB
0000110
7
---------
Reserved/not in use
6
Mod_clkS2
Modulator clock setting 3.bit, MSB
5
Mod_clkS1
Modulator clock setting 2.bit
4
Mod_clkS0
Modulator clock setting 1.bit, LSB
3
BitSync_clkS2
BitSync clock setting 3.bit, MSB
2
BitSync_clkS1
BitSync clock setting 2.bit
1
BitSync_clkS0
BitSync clock setting 1.bit, LSB
0
BitRate_clkS2
Bitrate clock setting 3.bit, MSB
0000111
7
BitRate_clkS1
Bitrate clock setting 2.bit
6
BitRate_clkS0
Bitrate clock setting 1.bit. LSB:
5
RefClk_K5
Reference clock divider 6.bit, MSB
4
RefClk_K4
Reference clock divider 5.bit
3
RefClk_K3
Reference clock divider 4.bit
2
RefClk_K2
Reference clock divider 3.bit
1
RefClk_K1
Reference clock divider 2.bit
0
RefClk_K0
Reference clock divider 1.bit, LSB
0001000
7
SC_HI
“1” mandatory. High current in Switched Cap filter
6
ScClk_X2
“1” mandatory. Switched Cap clock multiplied by two
5
ScSw_EN
“0” mandatory. Switch cap switch enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com