Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 11Page - Micrel Semiconductor MICRF506 Datasheet HTML 12Page - Micrel Semiconductor MICRF506 Datasheet HTML 13Page - Micrel Semiconductor MICRF506 Datasheet HTML 14Page - Micrel Semiconductor MICRF506 Datasheet HTML 15Page - Micrel Semiconductor MICRF506 Datasheet HTML 16Page - Micrel Semiconductor MICRF506 Datasheet HTML 17Page - Micrel Semiconductor MICRF506 Datasheet HTML 18Page - Micrel Semiconductor MICRF506 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Micrel
MICRF506BML/YML
Frequency Synthesizer
The MICRF506 frequency synthesizer consists of a voltage-controlled oscillator (VCO), a crystal oscillator, dual
modulus prescaler, programmable frequency dividers and a phase-detector. The loop-filter is external for flexibility
and can be a simple passive circuit. The phase detector compares frequencies of two signals and produces an
error signal which is proportional to the difference between the input frequencies. The error signal is used to
control a voltage-controlled oscillator (VCO) which creates an output frequency. The output frequency is fed
through a frequency divider back to the input of the phase detector, producing a feedback loop. If the output
frequency drifts, the error signal will increase, driving the frequency in the opposite direction so as to reduce the
error. Thus the output is locked to the frequency at the other input. This input is called the reference and is
derived from a crystal oscillator, which is very stable in frequency. The block diagram below shows the basic
elements and arrangement of a PLL based frequency synthesizer. The MICRF506 has a dual modulus prescaler
for increased frequency resolution. In a dual modulus prescaler the main divider is split into two parts, the main
part N and an additional divider A, where A < N. Both dividers are clocked from the output of the dual-modulus
prescaler, but only the output of the N divider is fed into the phase detector. The prescaler will first divide by 16.
Both N and A count down until A reaches zero, at which point the prescaler is switched to a division ratio 16+1. At
this point, the divider N has completed A counts. Counting continues until N reaches zero, which is an additional
N-A counts. At this point the cycle repeats.
Phase
detector
Prescaler
N-Divider
M-Divider
Div/4
1800MHz
Loop filter
XCO
VCO
Charge pump
A-Divider
PA
A6…A0
D7
D6
D5
D4
D3
D2
D1
D0
0001010
-
-
A0_5
A0_4
A0_3
A0_2
A0_1
A0_0
0001011
-
-
-
-
N0_11
N0_10
N0_9
N0_8
0001100
N0_7
N0_6
N0_5
N0_4
N0_3
N0_2
N0_1
N0_0
0001101
-
-
-
-
M0_11
M0_10
M0_9
M0_8
0001110
M0_7
M0_6
M0_5
M0_4
M0_3
M0_2
M0_1
M0_0
0001111
-
-
A1_5
A1_4
A1_3
A1_2
A1_1
A1_0
0010000
-
-
-
-
N1_11
N1_10
N1_9
N1_8
0010001
N1_7
N1_6
N1_5
N1_4
N1_3
N1_2
N1_1
N1_0
0010010
-
-
-
-
M1_11
M1_10
M1_9
M1_8
0010011
M1_7
M1_6
M1_5
M1_4
M1_3
M1_2
M1_1
M1_0
July 2006
15
M9999-092904
+1 408-944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com