Electronic Components Datasheet Search
  English  ▼

X  

MICRF506 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF506 Datasheet HTML 1Page - Micrel Semiconductor MICRF506 Datasheet HTML 2Page - Micrel Semiconductor MICRF506 Datasheet HTML 3Page - Micrel Semiconductor MICRF506 Datasheet HTML 4Page - Micrel Semiconductor MICRF506 Datasheet HTML 5Page - Micrel Semiconductor MICRF506 Datasheet HTML 6Page - Micrel Semiconductor MICRF506 Datasheet HTML 7Page - Micrel Semiconductor MICRF506 Datasheet HTML 8Page - Micrel Semiconductor MICRF506 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Micrel
MICRF506BML/YML
July 2006
3
M9999-092904
+1 408-944-0800
MICRF506BML/YML Land pattern ...........................................................................................................................31
Layout Considerations..............................................................................................................................................32
Package Information MICRF506BML.......................................................................................................................33
Package Information MICRF506YML.......................................................................................................................34
Overview of programming bit....................................................................................................................................35
Table 1: Detailed description of programming bit.....................................................................................................35
Table 2: Main Mode bit .............................................................................................................................................40
Table 3: Synchronizer mode bit................................................................................................................................40
Table 4: Modulation bit .............................................................................................................................................40
Table 5: Prefilter bit...................................................................................................................................................40
Table 6: Power amplifier bit ......................................................................................................................................41
Table 7:Generation of Bitrate_clk, BitSync_clk and Mod_clk...................................................................................41
Table 8: Test signals.................................................................................................................................................41
Table 10: Frequency Error Estimation control bit .....................................................................................................42
Table 11: Frequency Error Estimation control bit, cont. ...........................................................................................42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com