Electronic Components Datasheet Search
  English  ▼

X  

MICRF002 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio짰 ASK Receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 3Page - Micrel Semiconductor MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Micrel, Inc.
MICRF002/RF022
July 2008
7
M9999-070808
Functional Diagram
Peak
Detector
AGC
Control
2nd Order
Programmable
Low-Pass Filter
5th Order
Band-Pass Filter
Synthesizer
Control
Logic
RSC
Resettable
Counter
Reference
Oscillator
Cystal
or
Ceramic
Resonator
CAGC
ANT
SEL0
VDD
VSS
SEL1
SWEN
REFOSC
430kHz
Switched-
Capacitor
Resistor
WAKEB
CTH
DO
MICRF002
RF
Amp
IF
Amp
IF
Amp
Compa-
rator
Wakeup
Reference and Control
UHF Downconverter
OOK Demodulator
fRX
fLO
fIF
SHUT
CAGC
CTH
fT
Figure 1. MICRF002 Block Diagram
Application Information and Functional
Description
Refer to Figure 1 “MICRF002 Block Diagram”. Identified in
the block diagram are the four sections of the IC: UHF
Downconverter, OOK Demodulator, Reference and
Control, and Wakeup. Also shown in the figure are two
capacitors (CTH, CAGC) and one timing component,
usually a crystal or ceramic resonator. With the exception
of a supply decoupling capacitor, and antenna impedance
matching network, these are the only external components
needed by the MICRF002 to assemble a complete UHF
receiver.
For optimal performance is highly recommended that the
MICRF002 is impedance matched to the antenna, the
matching network will add an additional two or three
components.
Four control inputs are shown in the block diagram: SEL0,
SEL1, SWEN, and SHUT. Using these logic inputs, the
user can control the operating mode and selectable
features of the IC. These inputs are CMOS compatible, and
are internally pulled-up. IF Bandpass Filter Roll-off
response of the IF Filter is 5th order, while the demodulator
data filter exhibits a 2
nd order response.
Design Steps
The following steps are the basic design steps for using the
MICRF002 receiver:
1. Select the operating mode (sweep or fixed)
2. Select the reference oscillator
3. Select the CTH capacitor
4. Select the CAGC capacitor
5. Select the demodulator filter bandwidth
Step 1: Selecting the Operating Mode
Fixed-Mode Operation
For applications where the transmit frequency is accurately
set (that is, applications where a SAW or crystal-based
transmitter is used) the MICRF002 may be configured as a
standard superheterodyne receiver (fixed mode). In fixed-
mode operation the RF bandwidth is narrower making the
receiver less susceptible to interfering signals. Fixed mode
is selected by connecting SWEN to ground.
Sweep-Mode Operation
When used in conjunction with low-cost L-C transmitters
the MICRF002 should be configured in sweep-mode. In
sweep-mode, while the topology is still superheterodyne,
the LO (local oscillator) is swept over a range of
frequencies at rates greater than the data rate. This
technique effectively increases the RF bandwidth of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com