Electronic Components Datasheet Search
  English  ▼

X  

MICRF002 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio짰 ASK Receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF002 Datasheet HTML 1Page - Micrel Semiconductor MICRF002 Datasheet HTML 2Page - Micrel Semiconductor MICRF002 Datasheet HTML 3Page - Micrel Semiconductor MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel, Inc.
MICRF002/RF022
July 2008
4
M9999-070808
Absolute Maximum Ratings
(1)
Supply Voltage (VDDRF, VDDBB)........................................+7V
Input/Output Voltage (VI/O). ....................VSS–0.3 to VDD+0.3
Junction Temperature (TJ) ....................................... +150°C
Storage Temperature (Ts) ........................... –65°C to 150°C
Lead Temperature (soldering, 10 sec.)...................... 260°C
ESD Rating
(3)
Operating Ratings
(2)
Supply Voltage (VDDRF, VDDBB).................... +4.75V to +5.5V
RF Frequency Range.............................. 300MHz to 440Hz
Data Duty-Cycle ................................................20% to 80%
Reference Oscillator Input Range.............. 0.1VPP to 1.5VPP
Ambient Temperature (TA) .......................... –40°C to +85°C
Electrical Characteristics
(4)
VDDRF = VDDBB = VDD where +4.75V ≤ VDD ≤ 5.5V, VSS = 0V; CAGC = 4.7µF, CTH = 100nF; SEL0 = SEL1 = VSS; fixed mode
(SWEN = VSS); fREFOSC = 4.8970MHz (equivalent to fRF = 315MHz); data-rate = 1kbps (Manchester encoded). TA = 25°C,
bold
values indicate –40°C ≤ TA ≤ +85°C; current flow into device pins is positive; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
continuous operation, fRF = 315MHz
2.2
3.2
mA
IOP
Operating Current
polled with 10:1 duty cycle, fRF = 315MHz
220
µA
continuous operation, fRF = 433.92MHz
3.5
mA
polled with 10:1 duty cycle, fRF = 433.92MHz
350
µA
ISTBY
Standby Current
VSHUT = VDD
0.9
µA
RF Section, IF Section
Receiver Sensitivity (Note 4)
fRF = 315MHz
–97
dBm
fRF = 433.92MHz
–95
dBm
fIF
IF Center Frequency
Note 6
0.86
MHz
fBW
IF Bandwidth
Note 6
0.43
MHz
Maximum Receiver Input
RSC = 50Ω
–20
dBm
Spurious Reverse Isolation
ANT pin, RSC = 50Ω, Note 5
30
µVRMS
AGC Attack to Decay Ratio
tATTACK ÷ tDECAY
0.1
AGC Leakage Current
TA = +85°C
±100
nA
Reference Oscillator
ZREFOSC
Reference Oscillator Input
Impedance
Note 8
290
kΩ
Reference Oscillator Source
Current
5.2
µA
Demodulator
ZCTH
CTH Source Impedance
Note 7
145
kΩ
IZCTH(leak)
CTH Leakage Current
TA = +85°C
±100
nA
Demodulator Filter Bandwidth
Sweep Mode
(SWEN = VDD or OPEN)
Note 6
VSEL0 = VDD. VSEL1 = VDD
V SEL0 = VSS. V SEL1 = VDD
V SEL0 = VDD. V SEL1 = VSS
V SEL0 = VSS. V SEL1 = VSS
4000
2000
1000
500
Hz
Hz
Hz
Hz
Demodulator Filter Bandwidth
Fixed Mode
(SWEN = VSS)
Note 6
VSEL0 = VDD. VSEL1 = VDD
V SEL0 = VSS. V SEL1 = VDD
V SEL0 = VDD. V SEL1 = VSS
V SEL0 = VSS. V SEL1 = VSS
8000
4000
2000
1000
Hz
Hz
Hz
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com