Electronic Components Datasheet Search
  English  ▼

X  

MICRF002 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio짰 ASK Receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor MICRF002 Datasheet HTML 12Page - Micrel Semiconductor MICRF002 Datasheet HTML 13Page - Micrel Semiconductor MICRF002 Datasheet HTML 14Page - Micrel Semiconductor MICRF002 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Micrel, Inc.
MICRF002/RF022
July 2008
11
M9999-070808
Additional Applications Information
In addition to the basic operation of the MICRF002 the
following enhancements can be made. In particular it is
strongly recommended that the antenna impedance is
matched to the input of the IC.
Antenna Impedance Matching
As shown in Table 4 the antenna pin input impedance is
frequency dependant. The ANT pin can be matched to 50Ω
with an L-type circuit. That is, a shunt inductor from the RF
input to ground and another in series from the RF input to
the antenna pin.
Inductor values may be different from table depending on
PCB material, PCB thickness, ground configuration, and
how long the traces are in the layout. Values shown were
characterized for a 0.031 thickness, FR4 board, solid
ground plane on bottom layer, and very short traces.
MuRata and Coilcraft wire wound 0603 or 0805 surface
mount inductors were tested, however any wire wound
inductor with high SRF (self resonance frequency) should
do the job.
Shutdown Function
Duty-cycled operation of the MICRF002 (often referred to
as polling) is achieved by turning the MICRF002 on and off
via the SHUT pin. The shutdown function is controlled by a
logic state applied to the SHUT pin. When VSHUT is high,
the device goes into low-power standby mode. This pin is
pulled high internally, it must be externally pulled low to
enable the receiver.
LSHUNT
LSERIES
j100
j25
∞
50
0
–j25
–j100
Frequency
(MHz)
ZIN
Z11
S11
LSHUNT(nH)
LSERIES(nH)
300
12-j166
0.803-j0.529
15
72
305
12-j165
0.800-j0.530
15
72
310
12-j163
0.796-j0.536
15
72
315
13-j162
0.791-j0.536
15
72
320
12-j160
0.789-j0.543
15
68
325
12-j157
0.782-j0.550
12
68
330
12-j155
0.778-j0.556
12
68
335
12-j152
0.770-j0.564
12
68
340
11-j150
0.767-j0.572
15
56
345
11-j148
0.762-j0.578
15
56
350
11-j145
0.753-j0.586
12
56
355
11-j143
0.748-j0.592
12
56
360
11-j141
0.742-j0.597
10
56
365
11-j139
0.735-j0.603
10
56
370
10-j137
0.732-j0.612
12
47
375
10-j135
0.725-j0.619
12
47
380
10-j133
0.718-j0.625
10
47
385
10-j131
0.711-j0.631
10
47
390
10-j130
0.707-j0.634
10
43
395
10-j128
0.700-j0.641
10
43
400
10-j126
0.692-j0.647
10
43
405
10-j124
0.684-j0.653
10
39
410
10-j122
0.675-j0.660
10
39
415
10-j120
0.667-j0.667
10
39
420
10-j118
0.658-j0.673
10
36
425
10-j117
0.653-j0.677
10
36
430
10-j115
0.643-j0.684
10
33
435
10-j114
0.638-j0.687
10
33
440
8-j112
0.635-j0.704
8.2
33
Table 4. Input Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com