Electronic Components Datasheet Search
  English  ▼

X  

MICRF002 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio짰 ASK Receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor MICRF002 Datasheet HTML 12Page - Micrel Semiconductor MICRF002 Datasheet HTML 13Page - Micrel Semiconductor MICRF002 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel, Inc.
MICRF002/RF022
July 2008
10
M9999-070808
for the vast majority of applications. If adjustment is
required the constant may be varied by adding a resistor in
parallel with the CAGC capacitor. The value of the resistor
must be determined on a case by case basis.
Step 5: Selecting The Demod Filter Bandwidth
The inputs SEL0 and SEL1 control the demodulator filter
bandwidth in four binary steps (625Hz to 5000Hz in sweep,
1250Hz to 10000Hz in fixed-mode), see Table 3.
Bandwidth must be selected according to the application.
The demodulator bandwidth should be set according to
Equation 8:
(8)
width
pulse
Shortest
0.65
bandwidth
Demoulator
−
=
It should be noted that the values indicated in Table 1 are
nominal values. The filter bandwidth scales linearly with
frequency so the exact value will depend on the operating
frequency. Refer to the “Electrical Characteristics” for the
exact filter bandwidth at a chosen frequency.
Demodulator Bandwidth
SEL0
SEL1
Sweep-Mode
Fixed-Mode
1
1
5000Hz
10000Hz
0
1
2500Hz
5000Hz
1
0
1250Hz
2500Hz
0
0
625Hz
1250Hz
Table 1. Nominal Demodulator Filter Bandwidth vs.
SEL0, SEL1 and Operating Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com